Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3410 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 70Page - Texas Instruments TUSB3410 Datasheet HTML 71Page - Texas Instruments TUSB3410 Datasheet HTML 72Page - Texas Instruments TUSB3410 Datasheet HTML 73Page - Texas Instruments TUSB3410 Datasheet HTML 74Page - Texas Instruments TUSB3410 Datasheet HTML 75Page - Texas Instruments TUSB3410 Datasheet HTML 76Page - Texas Instruments TUSB3410 Datasheet HTML 77Page - Texas Instruments TUSB3410 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
11–4
11.3.3 Interface Descriptor
The interface descriptor describes the number of endpoints supported by this interface as well as interface class,
subclass, and protocol.
The bootcode supports only one endpoint and use its own class. Table 11–3 lists the interface descriptor.
Table 11–3. Interface Descriptor
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
bLength
1
9
Size of this descriptor in bytes
1
bDescriptorType
1
4
Interface descriptor type
2
bInterfaceNumber
1
0
Number of interface. Zero-based value identifying the index in the array of concurrent
interfaces supported by this configuration.
3
bAlternateSetting
1
0
Value used to select alternate setting for the interface identified in the prior field
4
bNumEndpoints
1
1
Number of endpoints used by this interface (excluding endpoint zero). If this value is
zero, this interface only uses the default control pipe.
5
bInterfaceClass
1
0xFF
The interface class is vendor specific.
6
bInterfaceSubClass
1
0
7
bInterfaceProtocol
1
0
8
iInterface
1
0
Index of string descriptor describing this interface
11.3.4 Endpoint Descriptor
The endpoint descriptor describes the type and size of communication pipe supported by this endpoint.
The bootcode supports only one output endpoint with the size of 64 bytes in addition to control endpoint 0 (required
by all USB devices). Table 11–4 lists the endpoint descriptor.
Table 11–4. Output Endpoint1 Descriptor
OFFSET
FIELD
SIZE
VALUE
DESCRIPTION
0
bLength
1
7
Size of this descriptor in bytes
1
bDescriptorType
1
5
Endpoint descriptor type
2
bEndpointAddress
1
0x01
Bit 3
…0: The endpoint number
Bit 7:
Direction
0 = OUT endpoint
1 = IN endpoint
3
bmAttributes
1
2
Bit 1
…0: Transfer type
10 = Bulk
11 = Interrupt
4
wMaxPacketSize
2
64
Maximum packet size this endpoint is capable of sending or receiving when this
configuration is selected.
6
bInterval
1
0
Interval for polling endpoint for data transfers. Expressed in milliseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com