Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3410 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 68Page - Texas Instruments TUSB3410 Datasheet HTML 69Page - Texas Instruments TUSB3410 Datasheet HTML 70Page - Texas Instruments TUSB3410 Datasheet HTML 71Page - Texas Instruments TUSB3410 Datasheet HTML 72Page - Texas Instruments TUSB3410 Datasheet HTML 73Page - Texas Instruments TUSB3410 Datasheet HTML 74Page - Texas Instruments TUSB3410 Datasheet HTML 75Page - Texas Instruments TUSB3410 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
11–2
If descriptor block is auto-execution firmware, the bootcode loads it and releases the control to the
firmware.
If descriptor block is end of header, the bootcode stops searching.
•
Set header pointer to the beginning of the binary firmware in I2C EEPROM.
•
Enable global and USB interrupts and set connection bit to 1.
–
Set global interrupt bit. EA = 1.
–
Set internal interrupt bit. EX0 = 1.
–
Set connection bit. CONT = 1.
•
Wait for any interrupt events until Get DEVICE DESCIPTOR setup packet arrives.
–
Suspend interrupt
Set IDLE = 1 to enter suspend mode. USB reset wakes up the microcontroller.
–
Resume interrupt
Bootcode wakes up and waits for new USB requests.
–
Reset interrupt
Call UsbReset() routine.
–
Setup interrupt
Bootcode process the request.
–
Reboot
If Reboot=1, disconnect from USB and restart at address 0x0000.
•
Download firmware from I2C EEPROM
–
Disable global interrupt. Reset EA = 0.
–
Load firmware to xdata space if available.
•
Download firmware from USB.
–
If no firmware in I2C EEPROM, host downloads firmware via output endpoint 1.
–
In the first data packet to output endpoint 1, host driver add 3 bytes before the application firmware in
binary format. These three bytes are LSB and MSB of firmware size and then arithmetic checksum of
binary firmware.
•
Release control to firmware.
–
Update USB configuration and interface number.
–
Release control to application firmware.
•
Application firmware
–
Either disconnect from bus or continue responding to USB requests.
11.3 Default Bootcode Settings
The bootcode has its own predefined device, configuration, and string descriptors. These default descriptors should
be used in evaluation only. They should not be used in end-user product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com