Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3410 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 11Page - Texas Instruments TUSB3410 Datasheet HTML 12Page - Texas Instruments TUSB3410 Datasheet HTML 13Page - Texas Instruments TUSB3410 Datasheet HTML 14Page - Texas Instruments TUSB3410 Datasheet HTML 15Page - Texas Instruments TUSB3410 Datasheet HTML 16Page - Texas Instruments TUSB3410 Datasheet HTML 17Page - Texas Instruments TUSB3410 Datasheet HTML 18Page - Texas Instruments TUSB3410 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
2–3
Table 2–1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLKOUT
22
O
Clock output (controlled by CLKOUTEN and CLKSLCT in MODECNFG register (see Section 5.1.5
and Note 1)
CTS
13
I
UART: Clear to send (see Note 4)
DCD
15
I
UART: Data carrier detect (see Note 4)
DM
7
I/O
Upstream USB port differential data minus
DP
6
I/O
Upstream USB port differential data plus
DSR
14
I
UART: Data set ready (see Note 4)
DTR
21
O
UART: Data terminal ready (see Note 1)
GND
8, 18, 28
GND
Digital ground
P3.0
32
I/O
Port-3.0 (see Notes 3, 4, 5, and 8)
P3.1
31
I/O
Port-3.1 (see Notes 3, 4, 5, and 8)
P3.3
30
I/O
Port-3.3 (see Notes 3, 4, 5, and 8)
P3.4
29
I/O
Port-3.4 (see Notes 3, 4, 5, and 8)
PUR
5
O
Pull-up resistor connection (see Note 2)
RESET
9
I
Controller master reset signal (see Note 4)
RI/CP
16
I
UART: Ring indicator (see Note 4)
RTS
20
O
UART: Request to send (see Note 1)
SCL
11
O
Master I2C controller: clock signal (see Note 1)
SDA
10
I/O
Master I2C controller: data signal (see Notes 1 and 5)
SIN/IR_SIN
17
I
UART: Serial input data / IR Serial data input (see Note 6)
SOUT/IR_SOUT
19
O
UART: Serial output data / IR Serial data output (see Note 7)
SUSPEND
2
O
Suspend condition signal (see Note 3)
TEST0
23
I
Test input (for factory test only) (see Note 5)
TEST1
24
I
Test input (for factory test only) (see Note 5)
VCC
3, 25
PWR
3.3 V
VDD18
4
PWR
1.8-V Supply. An internal voltage regulator generates this supply voltage when terminal VREGEN
is asserted. When VREGEN is deasserted, 1.8 V must be supplied externally.
VREGEN
1
I
This active-low terminal is used to enable the 3.3-V to 1.8-V voltage regulator in the core.
WAKEUP
12
I
Remote wake-up request pin. When low, wakes up system (see Note 5)
X1/CLKI
27
I
12-MHz crystal input or clock input
X2
26
O
12-MHz crystal output
NOTES:
1. 3-state CMOS output (
±4-mA drive/sink)
2. 3-state CMOS output (
±8-mA drive/sink)
3. 3-state CMOS output (
±12-mA drive/sink)
4. TTL-compatible, hysteresis input
5. TTL-compatible, hysteresis input, with internal 100-
µA active pullup
6. TTL-compatible input without hysteresis, with internal 100-
µA active pullup
7. Normal or IR mode: 3-state CMOS output (
±4-mA drive/sink)
8. The MCU treats the outputs as open drain types in that the output can be driven low continuously, but a high output is driven for two
clock cycles and then the output is tristated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com