Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB3410 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 7Page - Texas Instruments TUSB3410 Datasheet HTML 8Page - Texas Instruments TUSB3410 Datasheet HTML 9Page - Texas Instruments TUSB3410 Datasheet HTML 10Page - Texas Instruments TUSB3410 Datasheet HTML 11Page - Texas Instruments TUSB3410 Datasheet HTML 12Page - Texas Instruments TUSB3410 Datasheet HTML 13Page - Texas Instruments TUSB3410 Datasheet HTML 14Page - Texas Instruments TUSB3410 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
1–1
1 Introduction
1.1
Controller Description
The TUSB3410 provides bridging between a USB port and an enhanced UART serial port. The TUSB3410 contains
all the necessary logic to communicate with the host computer using the USB bus. It contains an 8052 microcontroller
unit (MCU) with 16K bytes of RAM that can be loaded from the host or from external on-board memory via an I2C
bus. It also contains 10K bytes of ROM that allow the MCU to configure the USB port at boot time. The ROM code
also contains an I2C boot loader. All the device functions such as the USB command decoding, UART setup, and error
reporting are managed by the internal MCU firmware under the auspices of the PC host.
The TUSB3410 can be used to build an interface between a legacy serial peripheral device and a PC with USB ports,
such as a legacy-free PC. Once configured, data flows from the host to the TUSB3410 via USB OUT commands and
then out from the TUSB3410 on the SOUT line. Conversely, data flows into the TUSB3410 on the SIN line and then
into the host via USB IN commands.
Host
(PC or OTG DRD)
USB
Out
In
TUSB3410
SOUT
SIN
Legacy
Serial
Peripheral
Figure 1–1. Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com