Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBN9604SLB Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9604SLB
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604SLB Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button USBN9604SLB Datasheet HTML 31Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 32Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 33Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 34Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 35Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 36Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 37Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 38Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
7.0 Register Set (Continued)
35
www.national.com
7.1.10
Transmit Mask Register (TXMSK)
When set and the corresponding bit in the TXEV register is set, TX_EV in the MAEV register is set. When cleared, the cor-
responding bit in the TXEV register does not cause TX_EV to be set.
7.1.11
Receive Event Register (RXEV)
RXFIFO
Receive FIFO. These bits are set whenever either RX_ERR or RX_LAST in the respective Receive Status (RXSx) register
is set. Reading the corresponding RXSx register automatically clears these bits.
The device discards all packets for Endpoint 0 received with errors. This is necessary in case of retransmission due to media
errors, ensuring that a good copy of a SETUP packet is captured. Otherwise, the FIFO may potentially be tied up, holding
corrupted data and unable to receive a retransmission of the same packet (the RXFIFO0 bit does only reflect the value of
RX_LAST for Endpoint 0).
If data streaming is used for the receive endpoints (EP2, EP4 and EP6) the firmware must check with the respective
RX_ERR bits to ensure the packets received are not corrupted by errors.
RXOVRRN
Receive Overrun. These bits are set in the event of a FIFO overrun condition. They are cleared when the register is read.
The firmware must check with the respective RX_ERR bits that packets received for the other receive endpoints (EP2, EP4
and EP6) are not corrupted by errors, as these endpoints support data streaming (packets which are longer than the actual
FIFO depth).
7.1.12
Receive Mask Register (RXMSK)
When set and the corresponding bit in the RXEV register is set, RX_EV in the MAEV register is set. When cleared, the cor-
responding bit in the RXEV register does not cause RX_EV to be set.
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Same Bit Definition as TXEV Register
00000000
r/w
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
RXFIFO3 RXFIFO2 RXFIFO1
FIFO0
RXFIFO3 RXFIFO2 RXFIFO1
FIFO0
RXOVRRN3-0
RXFIFO3-0
00000000
CoR
r
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Same Bit Definition as RXEV Register
00000000
r/w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com