Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBN9604SLB Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9604SLB
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604SLB Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button USBN9604SLB Datasheet HTML 13Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 14Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 15Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 16Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 17Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 18Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 19Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 20Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
4.0 Direct Memory Access (DMA) Support (Continued)
17
www.national.com
4.2
AUTOMATIC DMA MODE (ADMA)
The ADMA mode allows the CPU to transfer independently large bulk or isochronous data streams to or from the USB bus.
The application’s DMA controller, together with the ADMA logic, have the capability to split a large amount of data and trans-
fer it in (FIFO size) packets via the USB. In addition, automatic error handling is performed in order to minimize firmware
intervention. The number of transferred data stream bytes must be of a modulo 64 size. The maximum amount of data is
restricted to 256*64 bytes = 16 Kbytes.
To enable an ADMA transfer, the following steps must be performed:
1. The local CPU programs the DMA controller for fly-by demand mode transfers. In this mode, transfers occur only in re-
sponse to DMA request via the DRQ pin. The data is read/written from/to the receive/transmit FIFO and written/read in-
to/from local memory during the same bus transaction.
2. The DMA address counter is programmed to point to the destination memory block in the local shared memory, and the
Byte Count register is programmed with the number of bytes in the block to be transferred. The DMA Count register must
be configured with the number of packets to be received or transmitted. If required, the Automatic Error Handling register
must also be configured at this time.
3. The ADMA enable bit must be set prior to, or at the same time as the DMA enable bit. The DMA enable bit must be
cleared before enabling ADMA mode.
4. The DMA Request Enable bit and DMA Source bits are set in the device.The respective endpoint Enable bit must also
be set.
5. The USB host can now perform USB bulk or isochronous data transfers over the USB bus to the receive FIFO or from
the transmit FIFO. Steps 5 to 7 of the normal DMA mode are perfromed automatically. The ADMA is stopped either when
the last packet is received or when the DMA Count register has reached the value zero.
See Figures 10 and 11 for the transmit and receive sequences using ADMA mode. See Figures 12 and 13 for the basic
DMA write timing and read timing.
Set up ADMA
Microcontroller
Transaction
USB
Fill FIFO
DMA
DMA
Fill FIFO
USB
Transaction
USB
Last
Figure 10. Transmit Operation Using ADMA Mode
time
Transaction
Set up ADMA
Microcontroller
Transaction
USB
Read FIFO
DMA
DMA
Read FIFO
USB
Transaction
Last
Figure 11. Receive Operation Using ADMA Mode
DMA
time
Read FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com