Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBN9604SLB Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9604SLB
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604SLB Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button USBN9604SLB Datasheet HTML 10Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 11Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 12Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 13Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 14Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 15Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 16Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 17Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
3.0 Parallel Interface (Continued)
14
www.national.com
3.1.1
Standard Access Mode
The standard access sequence for non-multiplexed mode is to write the address to the ADDR register and then read or write
the data from/to the DATA_OUT/DATA_IN register. The DATA_OUT register is updated after writing to the ADDR register.
The ADDR register or the DATA_OUT/DATA_IN register is selected with the A0 input.
3.1.2
Burst Mode
In burst mode, the ADDR register is written once with the desired memory address of any of the on-chip registers. Then
consecutive reads/writes are performed to the DATA_IN/DATA_OUT register without previously writing a new address. The
content of the DATA_OUT register for read operations is updated once after every read or write.
3.1.3
User Registers
The following table gives an overview of the parallel interface registers in non-multiplexed mode.
The reserved bits return undefined data on read and should be written with 0.
Address Register (ADDR)
The ADDR register acts as a pointer to the internal memory. This register is write only and is cleared on reset.
Data Output Register (DATA_OUT)
The DATA_OUT register is updated with the contents of the memory register to which the ADDR register is pointing. Update
occurs under the following conditions:
1. After the ADDR register is written.
2. After a read from the DATA_OUT register.
3. After a write to the DATA_IN register.
This register is read only and holds undefined data after reset.
Data Input Register (DATA_IN)
The DATA_IN register holds the data written to the device address to which ADDR points. This register is write only and is
cleared on reset.
A0
Access
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
0
Read
DATA_OUT
0
Write
DATA_IN
1
Read
Reserved
1
Write
Reserved
ADDR5-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com