Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USBN9604SLB Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # USBN9604SLB
Description  Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

USBN9604SLB Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button USBN9604SLB Datasheet HTML 42Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 43Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 44Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 45Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 46Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 47Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 48Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 49Page - National Semiconductor (TI) USBN9604SLB Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
7.0 Register Set (Continued)
46
www.national.com
7.2.20
Endpoint Control X Register (EPC1 to EPC6)
Each unidirectional endpoint has an EPCx register with the bits defined below.
EP
Endpoint. This field holds the 4-bit endpoint address.
EP_EN
Endpoint Enable. When this bit is set, the EP3-0 field is used in address comparison, together with the AD6-0 field in the
FAR register. See Section 6.2 for a description. When cleared, the endpoint does not respond to any token on the USB bus.
Note: AD_EN in the FAR register is the global address compare enable for the device. If it is cleared, the device does not
respond to any address, regardless of the EP_EN state.
ISO
Isochronous. When this bit is set to 1, the endpoint is isochronous. This implies that no NAK is sent if the endpoint is not
ready but enabled; i.e. if an IN token is received and no data is available in the FIFO to transmit, or if an OUT token is re-
ceived and the FIFO is full since there is no USB handshake for isochronous transfers.
STALL
Setting this bit causes the chip to generate STALL handshakes under the following conditions:
1. The transmit FIFO is enabled and an IN token is received.
2. The receive FIFO is enabled and an OUT token is received.
Setting this bit does not generate a STALL handshake in response to a SETUP token.
7.2.21
Transmit Status X Register (TXS1, TXS2, TXS3)
Each of the three transmit endpoint FIFOs has a Transmit Status register with the bits defined below.
TCOUNT
Transmission Count. This bit indicates the count of empty bytes available in the FIFO. If this count is greater than 31, a value
of 31 is reported.
TX_DONE
Transmission Done. When set, this bit indicates that the endpoint responded to a USB packet. Three conditions can cause
this bit to be set:
1.
A data packet completed transmission in response to an IN token with non-ISO operation.
2. The endpoint sent a STALL handshake in response to an IN token
3. A scheduled ISO frame was transmitted or discarded.
This bit is cleared when this register is read.
ACK_STAT
Acknowledge Status. This bit is interpreted when TX_DONE is set. Its function differs depending on whether ISO (ISO in the
EPCx register is set) or non-ISO operation (ISO is reset) is used.
For non-ISO operation, this bit indicates the acknowledge status (from the host) about the ACK for the previously sent pack-
et. This bit itself is set when an ACK is received; otherwise, it is cleared.
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
STALL
Reserved
ISO
EP_EN
EP3-0
0
-
000000
r/w
-
r/w
r/w
r/w
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
TX_URUN
ACK_STAT
TX_DONE
TCOUNT4-0
0
0
0
0
0000
CoR
CoR
CoR
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com