Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMFX/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMFX/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFX/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADCS7477AIMFX/NOPB Datasheet HTML 18Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 19Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 20Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 21Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 22Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 23Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 24Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 25Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
LP2950
VIN
GND
VDD
CS
SCLK
SDATA
LMT87
VDD
GND
OUT
ADCS747X
VSUPPLY
1 µF
1 µF
0.1 µF
CBP
DSP
Microcontroller
Copyright © 2016, Texas Instruments Incorporated
22
ADCS7476, ADCS7477, ADCS7478
SNAS192G – APRIL 2003 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
8.2 Typical Application
The ADCS747x are monolithic CMOS 12-, 10-, and 8-bit ADCs that use the supply voltage as a reference,
enabling the devices to operate with a full-scale input range of 0 to VDD. An example low-power application with
the LMT87, which is a wide range ±0.3°C accurate temperature sensor, is shown in Figure 32.
Figure 32. Typical Application Circuit
8.2.1 Design Requirements
A successful ADCS747x and LMT87 design is constrained by the following factors:
•
VIN range must be 0 V to VDD where VDD can range from 2.7 V to 5.25 V.
8.2.2 Detailed Design Procedure
Designing for an accurate measurement requires careful attention to the timing requirements for the ADCS747x
parts.
Because the ADC747x parts use the supply voltage as a reference, ensuring that the supply voltage is settled to
its final level before exiting the shutdown mode and beginning a conversion is important. After the supply voltage
has settled, the CS is brought to a low level (ideally 0 V) to start a conversion.
Ensuring that any noise on the power supply is less than ½ LSB in amplitude is also important. The supply
voltage must be regarded as a precise voltage reference.
After the CS has been brought low, the user must wait for one complete conversion cycle (approximately 1
μs)
for meaningful data. The dummy conversion cycle is the start-up time of the ADCS747x. The ADCS747x digital
output can then be correlated to the LMT87 output level to get an accurate temperature reading. At VDD = 3.3 V,
1 LSB of ADCS7476 is 0.805 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com