Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMFX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMFX/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADCS7477AIMFX/NOPB Datasheet HTML 3Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 4Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 5Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 6Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 7Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 8Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 9Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 10Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Electrical Characteristics – ADCS7477 (continued)
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IMD
Intermodulation distortion,
second order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
Intermodulation distortion,
third order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
FPBW
–3-dB full power bandwidth
5-V supply
11
MHz
3-V supply
8
MHz
POWER SUPPLY CHARACTERISTICS
IDD
Normal mode (static)
VDD = 4.75 V to 5.25 V, SCLK On or Off
2
mA
VDD = 2.7 V to 3.6 V, SCLK On or Off
1
mA
Normal mode (operational)
VDD = 4.75 V to 5.25 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mA
–40°C
≤ TA ≤ 85°C
3.5
VDD = 2.7 V to 3.6 V,
fSAMPLE = 1 MSPS
TA = 25°C
0.6
mA
–40°C
≤ TA ≤ 85°C
1.6
Shutdown mode
VDD = 5 V, SCLK Off
0.5
µA
VDD = 5 V, SCLK On
60
PD
Power consumption,
normal mode (operational)
VDD = 5 V,
fSAMPLE = 1 MSPS
TA = 25°C
10
mW
–40°C
≤ TA ≤ 85°C
17.5
VDD = 3 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mW
–40°C
≤ TA ≤ 85°C
4.8
Power consumption,
shutdown mode
VDD = 5 V, SCLK Off
2.5
µW
VDD = 3 V, SCLK Off
1.5
ANALOG INPUT CHARACTERISTICS
VIN
Input range
0 to VDD
V
IDCL
DC leakage current
TA = −40°C to 85°C
±1
µA
CINA
Analog input capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS
VIH
Input high voltage
TA = −40°C to 85°C
2.4
V
VIL
Input low voltage
VDD = 5 V, –40°C ≤ TA ≤ 85°C
0.8
V
VDD = 3 V, –40°C ≤ TA ≤ 85°C
0.4
V
IIN
Input current
VIN = 0 V or VDD
TA = 25°C
±10
nA
–40°C
≤ TA ≤ 85°C
±1
µA
CIND
Digital input capacitance
TA = 25°C
2
pF
–40°C
≤ TA ≤ 85°C
4
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output high voltage
ISOURCE = 200 µA, VDD = 2.7 V to 5.25 V,
–40°C
≤ TA ≤ 85°C
VDD – 0.2
V
VOL
Output low voltage
ISINK = 200 µA, –40°C ≤ TA ≤ 85°C
0.4
V
IOL
TRI-STATE leakage current
–40°C
≤ TA ≤ 85°C
±10
µA
COUT
TRI-STATE output capacitance
TA = 25°C
2
pF
–40°C
≤ TA ≤ 85°C
4
Output coding
Straight (natural) binary
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock frequency
–40°C
≤ TA ≤ 85°C
20
MHz
DC
SCLK duty cycle
–40°C
≤ TA ≤ 85°C
40%
60%
tTH
Track or hold acquisition time
–40°C
≤ TA ≤ 85°C
400
ns
fRATE
Throughput rate
–40°C
≤ TA ≤ 85°C
1
MSPS
tAD
Aperture delay
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com