Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMFX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMFX/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADCS7477AIMFX/NOPB Datasheet HTML 5Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 6Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 7Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 8Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 9Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 10Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 11Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 12Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Electrical Characteristics – ADCS7478 (continued)
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Power consumption,
normal mode (operational)
VDD = 5 V,
fSAMPLE = 1 MSPS
TA = 25°C
10
mW
–40°C
≤ TA ≤ 85°C
17.5
VDD = 3 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mW
–40°C
≤ TA ≤ 85°C
4.8
Power consumption,
shutdown mode
VDD = 5 V, SCLK Off
2.5
µW
VDD = 3 V, SCLK Off
1.5
ANALOG INPUT CHARACTERISTICS
VIN
Input range
0 to VDD
V
IDCL
DC leakage current
–40°C
≤ TA ≤ 85°C
±1
µA
CINA
Analog input capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS
VIH
Input high voltage
–40°C
≤ TA ≤ 85°C
2.4
V
VIL
Input low voltage
VDD = 5 V, –40°C ≤ TA ≤ 85°C
0.8
V
VDD = 3 V, –40°C ≤ TA ≤ 85°C
0.4
V
IIN
Digital input current
VIN = 0 V or VDD
TA = 25°C
±10
nA
–40°C
≤ TA ≤ 85°C
±1
µA
CIND
Input capacitance
TA = 25°C
2
p
–40°C
≤ TA ≤ 85°C
4
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output high voltage
ISOURCE = 200 µA, VDD = 2.7 V to 5.25 V,
–40°C
≤ TA ≤ 85°C
VDD − 0.2
V
VOL
Output low voltage
ISINK = 200 µA, –40°C ≤ TA ≤ 85°C
0.4
V
IOL
TRI-STATE leakage current
–40°C
≤ TA ≤ 85°C
±10
µA
COUT
TRI-STATE output capacitance
2
4
pF
Output coding
Straight (natural) binary
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock frequency
–40°C
≤ TA ≤ 85°C
20
MHz
DC
SCLK duty cycle
–40°C
≤ TA ≤ 85°C
40%
60%
tTH
Track or hold acquisition time
–40°C
≤ TA ≤ 85°C
400
ns
fRATE
Throughput rate
–40°C
≤ TA ≤ 85°C (see Application Information)
1
MSPS
tAD
Aperture delay
3
ns
tAJ
Aperture jitter
30
ps
(1)
All input signals are specified as tr = tf = 5 ns (10% to 90% VDD) and timed from 1.6 V.
(2)
Minimum quiet time required between bus relinquish and start of next conversion.
(3)
Measured with the load circuit (Figure 1), and defined as the time taken by the output to cross 1 V.
6.8 Timing Requirements
–40°C
≤ TA ≤ 85°C, VDD = 2.7 V to 5.25 V, and fSCLK = 20 MHz (unless otherwise noted)
(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
tCONVERT
TA = 25°C
16 × tSCLK
tQUIET
Quiet time(2)
50
ns
t1
Minimum CS pulse width
10
ns
t2
CS to SCLK setup time
10
ns
t3
Delay from CS until SDATA TRI-STATE
disabled (3)
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com