Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMFX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMFX/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADCS7477AIMFX/NOPB Datasheet HTML 1Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 2Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 3Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 4Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 5Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 6Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 7Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 8Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5
ADCS7476, ADCS7477, ADCS7478
www.ti.com
SNAS192G – APRIL 2003 – REVISED MAY 2016
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
(1)
Data sheet minimum and maximum specification limits are ensured by design, test, or statistical analysis.
6.5 Electrical Characteristics – ADCS7476
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with no missing codes
VDD = 2.7 V to 3.6 V, –40°C ≤ TA ≤ 125°C
12
Bits
INL
Integral non-linearity
VDD = 2.7 V to 3.6 V
TA = 25°C
±0.4
LSB
–40°C
≤ TA ≤ 85°C
±1
VDD = 2.7 V to 3.6 V, TA = 125°C
–1.1
1
LSB
DNL
Differential non-linearity
VDD = 2.7 V to 3.6 V
TA = 25°C
–0.3
0.5
LSB
–40°C
≤ TA ≤ 85°C
–0.9
1
VDD = 2.7 V to 3.6 V, TA = 125°C
±1
LSB
VOFF
Offset error
VDD = 2.7 V to 3.6 V
TA = 25°C
±0.1
LSB
−40°C ≤ TA ≤ 125°C
±1.2
GE
Gain error
VDD = 2.7 V to 3.6 V
TA = 25°C
±0.2
LSB
–40°C
≤ TA ≤ 125°C
±1.2
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-noise plus distortion ratio
fIN = 100 kHz
TA = 25°C
72
dB
–40°C
≤ TA ≤ 125°C
70
SNR
Signal-to-noise ratio
fIN = 100 kHz
TA = 25°C
72.5
dB
–40°C
≤ TA ≤ 85°C
70.8
fIN = 100 kHz, TA = 125°C
70.6
dB
THD
Total harmonic distortion
fIN = 100 kHz
–80
dB
SFDR
Spurious-free dynamic range
fIN = 100 kHz
82
dB
IMD
Intermodulation distortion,
second order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
Intermodulation distortion,
third order terms
fa = 103.5 kHz, fb = 113.5 kHz
–78
dB
FPBW
–3-dB full power bandwidth
5-V supply
11
MHz
3-V supply
8
MHz
POWER SUPPLY CHARACTERISTICS
IDD
Normal mode (static)
VDD = 4.75 V to 5.25 V, SCLK On or Off
2
mA
VDD = 2.7 V to 3.6 V, SCLK On or Off
1
mA
Normal mode (operational)
VDD = 4.75 V to 5.25 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mA
–40°C
≤ TA ≤ 85°C
3.5
VDD = 2.7 V to 3.6 V,
fSAMPLE = 1 MSPS
TA = 25°C
0.6
mA
–40°C
≤ TA ≤ 85°C
1.6
Shutdown mode
VDD = 5 V, SCLK Off
0.5
µA
VDD = 5 V, SCLK On
60
µA
PD
Power consumption,
normal mode (operational)
VDD = 5 V,
fSAMPLE = 1 MSPS
TA = 25°C
10
mW
–40°C
≤ TA ≤ 85°C
17.5
VDD = 3 V,
fSAMPLE = 1 MSPS
TA = 25°C
2
mW
–40°C
≤ TA ≤ 85°C
4.8
Power consumption,
shutdown mode
VDD = 5 V, SCLK Off
2.5
µW
VDD = 3 V, SCLK Off
1.5
µW
ANALOG INPUT CHARACTERISTICS
VIN
Input range
0 to VDD
V
IDCL
DC leakage current
–40°C
≤ TA ≤ 85°C
±1
µA
CINA
Analog input capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com