Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMFX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477AIMFX/NOPB
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477AIMFX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADCS7477AIMFX/NOPB Datasheet HTML 2Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 3Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 4Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 5Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 6Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 7Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 8Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 9Page - Texas Instruments ADCS7477AIMFX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
ADCS7476, ADCS7477, ADCS7478
SNAS192G – APRIL 2003 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Electrical Characteristics – ADCS7476 (continued)
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
–40°C
≤ TA ≤ 85°C
2.4
V
VIL
Input low voltage
VDD = 5 V, –40°C ≤ TA ≤ 85°C
0.8
V
VDD = 3 V, –40°C ≤ TA ≤ 85°C
0.4
V
IIN
Input current
VIN = 0 V or VDD
TA = 25°C
±10
nA
–40°C
≤ TA ≤ 85°C
±1
µA
CIND
Digital input capacitance
TA = 25°C
2
pF
–40°C
≤ TA ≤ 85°C
4
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output high voltage
ISOURCE = 200 µA, VDD = 2.7 V to 5.25 V,
–40°C
≤ TA ≤ 85°C
VDD – 0.2
V
VOL
Output low voltage
ISINK = 200 µA, –40°C ≤ TA ≤ 85°C
0.4
V
IOL
TRI-STATE leakage current
–40°C
≤ TA ≤ 85°C
±10
µA
COUT
TRI-STATE output capacitance
TA = 25°C
2
pF
–40°C
≤ TA ≤ 85°C
4
Output coding
Straight (natural) binary
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock frequency
–40°C
≤ TA ≤ 125°C
20
MHz
DC
SCLK duty cycle
–40°C
≤ TA ≤ 85°C
40%
60%
tTH
Track or hold acquisition time
–40°C
≤ TA ≤ 85°C
400
ns
fRATE
Throughput rate
–40°C
≤ TA ≤ 85°C
1
MSPS
tAD
Aperture delay
3
ns
tAJ
Aperture jitter
30
ps
(1)
Data sheet minimum and maximum specification limits are ensured by design, test, or statistical analysis.
6.6 Electrical Characteristics – ADCS7477
TA = 25°C, VDD = 2.7 V to 5.25 V, fSCLK = 20 MHz, and fSAMPLE = 1 MSPS (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with no missing codes
–40°C
≤ TA ≤ 85°C
10
Bits
INL
Integral non-linearity
TA = 25°C
±0.2
LSB
–40°C
≤ TA ≤ 85°C
±0.7
DNL
Differential non-linearity
TA = 25°C
–0.2
0.3
LSB
T–40°C
≤ TA ≤ 85°C
±0.7
±0.7
VOFF
Offset error
TA = 25°C
±0.1
LSB
–40°C
≤ TA ≤ 85°C
±0.7
GE
Gain error
TA = 25°C
±0.2
LSB
–40°C
≤ TA ≤ 85°C
±1
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-noise plus distortion ratio
fIN = 100 kHz
TA = 25°C
61.7
dBFS
–40°C
≤ TA ≤ 85°C
61
SNR
Signal-to-noise ratio
fIN = 100 kHz
62
dB
THD
Total harmonic distortion
fIN = 100 kHz
TA = 25°C
–77
dB
–40°C
≤ TA ≤ 85°C
–73
SFDR
Spurious-free dynamic range
fIN = 100 kHz
TA = 25°C
78
dB
–40°C
≤ TA ≤ 85°C
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com