Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400HFS/EM Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 30Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 31Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 32Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 33Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 34Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 35Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 36Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 37Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
CLK
ADS5400
CLK
0.1 F
m
Clock
Source
40
45
50
55
60
65
70
75
80
0
0.2
0.4
0.6
0.8
1
1.2
Clock Amplitude-Vp-p
f
=10.05MHz
IN
f
=601.13MHz
IN
f
=100.33MHz
IN
f
=801.13MHz
IN
f
=1498.50MHz
IN
f
=901.13MHz
IN
f =1GSPS
s
40
45
50
55
60
65
0
0.2
0.4
0.6
0.8
1
1.2
Clock Amplitude-Vp-p
f
=10.05MHz
IN
f
=100.33MHz
IN
f
=601.13MHz
IN
f
=901.13MHz
IN
f
=801.13MHz
IN
f
=1498.50MHz
IN
f =1GSPS
s
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
Figure 32. ADS5400 SFDR vs Differential Clock
Figure 33. ADS5400 SNR vs Differential Clock
Level
Level
The characterization of the ADS5400 is typically performed with a 1.5 VPP differential clock, but the ADC
performs well with a differential clock amplitude down to ~400mVPP (200mV swing on both CLK and CLK), as
shown in Figure 32 and Figure 33. For jitter-sensitive applications, the use of a differential clock has some
advantages at the system level and is strongly recommended. The differential clock allows for common-mode
noise rejection at the printed circuit board (PCB) level. With a differential clock, the signal-to-noise ratio of the
ADC is better for jitter-sensitive, high-frequency applications because the board level clock jitter is superior.
Larger clock amplitude levels are recommended for high analog input frequencies or slow clock frequencies. At
high analog input frequencies, the sampling process is sensitive to jitter. At slow clock frequencies, a small
amplitude sinusoidal clock has a lower slew rate and can create jitter-related SNR degradation due to the
uncertainty in the sampling point associated with a slow slew rate. Figure 34 demonstrates a recommended
method for converting a single-ended clock source into a differential clock; it is similar to the configuration found
on the evaluation board and was used for much of the characterization. See also Clocking High Speed Data
Converters (SLYT075) for more details.
Figure 34. Differential Clock
The common-mode voltage of the clock inputs is set internally to 2.5 V using internal 400
Ω resistors (see
Figure 30). It is recommended to use ac coupling in the clock path, but if this scheme is not possible, the
ADS5400 features good tolerance to clock common-mode variation, as shown in Figure 35 and Figure 36. The
internal ADC core uses both edges of the clock for the conversion process. Ideally, a 50% duty-cycle clock signal
should be provided.
34
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com