Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400HFS/EM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400HFS/EM
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400HFS/EM Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS5400HFS/EM Datasheet HTML 8Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 9Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 10Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 11Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 12Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 13Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 14Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 15Page - Texas Instruments ADS5400HFS/EM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
CLKINP
RESETP
tRSU
tRH
DATA BUSB
SYNCOUTB
(OVRBpins)
IfSYNCmodeisenabled,
theOVRBpinsbecomeSYNCOUTBpins
Sync
N
CLKOUTAP
CLKOUTBP
tPD-CLKDIV4
tPD-BDATA
Phase 0: CLKOUT indesired
stateafterpowerup
Phase 1: misalignedby 1
clockafterpowerup
Phase 2: misalignedby 2
clocksafterpowerup
Phase 3: misalignedby 3
clocksafterpowerup
N+1
DATA BUS A
LatencyofN+1is7.5CLKINcycles
tPD-ADATA
CLKOUT isresetafter 7.5 CLKINcycles (+ tPD-CLKDIV4 )
ThephaseofdatashownpriortoresetmatchesCLKOUT inphase 0
ThephaseofdatashownpriortoresetmatchesCLKOUT inphase 0
SampleNandRESET
pulsecapturedhere
N+1
N, N+1
output
LatencyofNandSYNCOUTBarematchedto8.5 CLKINcycles
th
tsu
ADS5400-SP
SLAS669D – SEPTEMBER 2010 – REVISED JANUARY 2014
www.ti.com
Timing Diagrams (continued)
Propagation delays and setup/hold times not drawn to scale. RESET and SYNCOUT are optional. Any clock phase
will work properly, but makes synchronization of data capture across multiple ADCs difficult without a known CLKOUT
phase. RESET can be a single pulse (as shown), low-to-high step or repetitive pulse input signal. The frequency of
repetitive RESET pulses should not exceed CLKIN/4, and should be an even divisor of CLKIN, in order to keep the
CLKOUT phase the same with each RESET event. SYNCOUTB transitions with the same latency as the sample that
is present when the RESET pulse is captured, shown here as sample N. Each RESET captured generates a
SYNCOUT pulse, which behaves as a data bit.
Figure 4. Dual Bus Mode - Aligned, CLKOUT Divide By 4
12
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com