Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 43 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 39Page - Texas Instruments CC1020-RTR1 Datasheet HTML 40Page - Texas Instruments CC1020-RTR1 Datasheet HTML 41Page - Texas Instruments CC1020-RTR1 Datasheet HTML 42Page - Texas Instruments CC1020-RTR1 Datasheet HTML 43Page - Texas Instruments CC1020-RTR1 Datasheet HTML 44Page - Texas Instruments CC1020-RTR1 Datasheet HTML 45Page - Texas Instruments CC1020-RTR1 Datasheet HTML 46Page - Texas Instruments CC1020-RTR1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
Table 5-8. Component Values for the Matching Network Described in Figure 5-22
ITEM
433 MHz
868 MHz
915 MHz
C1
10 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
47 pF, 5%, NP0, 0402
C3
5.6 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
C60
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
C71
DNM(1)
8.2 pF 5%, NP0, 0402
8.2 pF 5%, NP0, 0402
C72
4.7 pF, 5%, NP0, 0402
8.2 pF 5%, NP0, 0402
8.2 pF 5%, NP0, 0402
L1
33 nH, 5%, 0402
82 nH, 5%, 0402
82 nH, 5%, 0402
L2
22 nH, 5%, 0402
3.6 nH, 5%, 0402
3.6 nH, 5%, 0402
L70
47 nH, 5%, 0402
5.1 nH, 5%, 0402
5.1 nH, 5%, 0402
L71
39 nH, 5%, 0402
0
Ω resistor, 0402
0
Ω resistor, 0402
R10
82
Ω, 5%, 0402
82
Ω, 5%, 0402
82
Ω, 5%, 0402
(1)
DNM = Do Not Mount
Figure 5-23. Typical LNA Input Impedance, 200 to 1000 MHz
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
43
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com