Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
RF Receive (continued)
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V,
fC = 14.7456 MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX UNIT
CONDITION
12.5 kHz channel spacing, 433 MHz
30
dB
Wanted signal 3 dB above the
sensitivity level, two CW jammers at
Intermodulation
+2Ch and +4Ch where Ch is
rejection (1)
25 kHz channel spacing, 868 MHz
30
dB
channel spacing 12.5 kHz or
25 kHz. BER = 10–2.
12.5 kHz channel spacing, 433 MHz
56
dB
Wanted signal 3 dB above the
Intermodulation
sensitivity level, two CW jammers at
rejection (2)
+10 MHz and +20 MHz offset.
25 kHz channel spacing, 868 MHz
55
dB
BER = 10–2.
LO leakage
433/868 MHz
< –80/–66
dBm
VCO frequency resides between
VCO leakage
–64
dBm
1608 and 1880 MHz.
9 kHz to 1 GHz
< –60
dBm
Complying with EN 300 220, FCC
CFR47 part 15 and ARIB STD-T96.
Spurious emission,
Spurious emissions can be
radiated CW
1 to 4 GHz
< –60
dBm
measured as EIRP values
according to EN 300 220.
433 MHz
58 – j10
Ω
Receive mode. See Section 5.11 for
Input impedance
details.
868 MHz
54 – j22
Ω
433 MHz
–14
dB
Using application circuit matching
Matched input
network. See Section 5.11 for
impedance, S11
868 MHz
–12
dB
details.
433 MHz
39 – j14
Ω
Using application circuit matching
Matched input
network. See Section 5.11 for
impedance
868 MHz
32 – j10
Ω
details.
The maximum bit rate offset
tolerated by the bit synchronization
Bit synchronization offset
8000
ppm
circuit for 6 dB degradation
(synchronous modes only).
NRZ mode
4
Baud Time from clocking the data on the
Data latency
transmitter DIO pin until data is
Manchester mode
8
Baud available on receiver DIO pin.
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com