Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 5 Page - Texas Instruments

  CC1020-RTR1 Datasheet HTML 1Page - Texas Instruments CC1020-RTR1 Datasheet HTML 2Page - Texas Instruments CC1020-RTR1 Datasheet HTML 3Page - Texas Instruments CC1020-RTR1 Datasheet HTML 4Page - Texas Instruments CC1020-RTR1 Datasheet HTML 5Page - Texas Instruments CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 95 page
background image
PCLK 1
VC
24
AVDD
23
AVDD
22
RF_OUT
21
AVDD
20
RF_IN
19
AVDD
18
R_BIAS
17
16
15
14
13
12
11
10
9
DIO 8
DCLK 7
DGND 6
DVDD 5
DGND 4
PDO 3
PDI 2
32 31 30 29 28 27 26 25
AGND
Exposed die
attached pad
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
3
Terminal Configuration and Functions
3.1
Pin Diagram
Figure 3-1 shows pin names and locations for the CC1020 device.
The CC1020 comes in a QFN 32-type package.
Figure 3-1. Package 7-mm × 7-mm VQFNP (Top View)
3.2
Pin Configuration
Table 3-1 provides an overview of the CC1020 pinout.
Table 3-1. Pin Attributes(1)(2)
PIN NO.
PIN NAME
TYPE
DESCRIPTION
Exposed die attached pad. Must be soldered to a solid ground plane as
—
AGND
Ground (analog)
this is the ground connection for all analog modules. See Section 6.3 for
more details.
1
PCLK
Digital input
Programming clock for SPI configuration interface
2
PDI
Digital input
Programming data input for SPI configuration interface
3
PDO
Digital output
Programming data output for SPI configuration interface
4
DGND
Ground (digital)
Ground connection (0 V) for digital modules and digital I/O
5
DVDD
Power (digital)
Power supply (3 V typical) for digital modules and digital I/O
6
DGND
Ground (digital)
Ground connection (0 V) for digital modules (substrate)
Clock for data in both receive and transmit mode.
7
DCLK
Digital output
Can be used as receive data output in asynchronous mode
Data input in transmit mode; data output in receive mode.
8
DIO
Digital input/output
Can also be used to start power-up sequencing in receive
PLL Lock indicator, active low. Output is asserted (low) when PLL is in
9
LOCK
Digital output
lock. The pin can also be used as a general digital output, or as receive
data output in synchronous NRZ/Manchester mode
10
XOSC_Q1
Analog input
Crystal oscillator or external clock input
11
XOSC_Q2
Analog output
Crystal oscillator
12
AVDD
Power (analog)
Power supply (3 V typical) for crystal oscillator
13
AVDD
Power (analog)
Power supply (3 V typical) for the IF VGA
General digital output. Can be used for controlling an external LNA if
14
LNA_EN
Digital output
higher sensitivity is needed.
(1)
DCLK, DIO and LOCK are high-impedance (3-state) in power down (BIAS_PD = 1 in the MAIN register).
(2)
The exposed die attached pad must be soldered to a solid ground plane as this is the main ground connection for the chip.
Copyright © 2006–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
5
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com