Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 58 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 54Page - Texas Instruments CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 95 page
background image
0
200
400
600
800
1000
1200
1400
Voltage on PA_EN/LNA_EN pin [V]
source current, 3 V
sink current, 3 V
source current, 2.3 V
sink current, 2.3 V
source current, 3.6 V
sink current, 3.6 V
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
5.19.3 PA_EN and LNA_EN Pin Drive
Figure 5-32 shows the PA_EN and LNA_EN pin drive currents. The sink and source currents have
opposite signs but absolute values are used in Figure 5-32.
Figure 5-32. Typical PA_EN and LNA_EN Pin Drive
5.20 System Considerations and Guidelines
5.20.1 SRD Regulations
International regulations and national laws regulate the use of radio receivers and transmitters. SRDs
(Short Range Devices) for license free operation are allowed to operate in the 433 and 868 to 870 MHz
bands in most European countries. In the United States, such devices operate in the 260 to 470 and 902
to 928 MHz bands. CC1020 is also applicable for use in the 950 to 960 MHz frequency band in Japan. A
summary of the most important aspects of these regulations can be found in AN001 SRD Regulations For
License Free Transceiver Operation (SWRA090).
5.20.2 Narrowband Systems
CC1020 is specifically designed for narrowband systems complying with ARIB STD-T67 and EN 300 220.
The CC1020 meets the strict requirements to ACP (Adjacent Channel Power) and occupied bandwidth for
a narrowband transmitter. To meet the ARIB STD-T67 requirements, a 3.0 V regulated voltage supply
should be used.
For the receiver side, CC1020 gives very good ACR (Adjacent Channel Rejection), image frequency
suppression and blocking properties for channel spacings down to 12.5 kHz.
Such narrowband performance normally requires the use of external ceramic filters. The CC1020 provides
this performance as a true single-chip solution with integrated IF filters.
Japan and Korea have allocated several frequency bands at 424, 426, 429, 447, 449 and 469 MHz for
narrowband license free operation. CC1020 is designed to meet the requirements for operation in all these
bands, including the strict requirements for narrowband operation down to 12.5 kHz channel spacing.
Due to on-chip complex filtering, the image frequency is removed. An on-chip calibration circuit is used to
get the best possible image rejection. A narrowband preselector filter is not necessary to achieve image
rejection.
58
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com