Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1020-RTR1 Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments CC1020-RTR1 Datasheet HTML 10Page - Texas Instruments CC1020-RTR1 Datasheet HTML 11Page - Texas Instruments CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments CC1020-RTR1 Datasheet HTML 16Page - Texas Instruments CC1020-RTR1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
4.8
Crystal Oscillator
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V,
fC = 14.7456 MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Recommended frequency is
Crystal Oscillator Frequency
4.9152
14.7456
19.6608
MHz
14.7456 MHz. See Section 5.16 for
details.
±5.7
ppm
433 MHz (EN 300 220)
868 MHz (EN 300 220)
Must be less than ±5.7 / ±2.8 ppm to
±2.8
ppm
Reference frequency
comply with EN 300 220 25 kHz channel
accuracy requirement(1)(2)
spacing at 433/868 MHz.
Must be less than ±4 ppm to comply with
±4
ppm
Japanese 12.5 kHz channel spacing
regulations (ARIB STD-T67).
C4 and C5 are loading capacitors. See
Crystal operation
Parallel
Section 5.16 for details.
4.9 to 6 MHz, 22 pF
12
22
30
pF
recommended
Crystal load
6 to 8 MHz, 16 pF
12
16
30
pF
capacitance
recommended
8 to 19.6 MHz, 16 pF
12
16
16
pF
recommended
4.9152 MHz, 12 pF load
1.55
ms
7.3728 MHz, 12 pF load
1.0
ms
9.8304 MHz, 12 pF load
0.90
ms
Crystal oscillator
start-up time
14.7456 MHz, 16 pF load
0.95
ms
17.2032 MHz, 12 pF load
0.60
ms
19.6608 MHz, 12 pF load
0.63
ms
The external clock signal must be
connected to XOSC_Q1 using a DC
block (10 nF). Set XOSC_BYPASS = 0 in
External clock signal drive, sine wave
300
mVpp
the INTERFACE register when using an
external clock signal with low amplitude
or a crystal.
The external clock signal must be
connected to XOSC_Q1. No DC block
External clock signal drive, full-swing digital
0 – VDD
V
shall be used. Set XOSC_BYPASS = 1 in
external clock
the INTERFACE register when using a
full-swing digital external clock.
(1)
The reference frequency accuracy (initial tolerance) and drift (aging and temperature dependency) will determine the frequency
accuracy of the transmitted signal.
(2)
Crystal oscillator temperature compensation can be done using the fine step PLL frequency programmability and the AFC feature. See
Section 5.9.13 for details.
Copyright © 2006–2015, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com