Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83257VF Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 44Page - National Semiconductor (TI) DP83257VF Datasheet HTML 45Page - National Semiconductor (TI) DP83257VF Datasheet HTML 46Page - National Semiconductor (TI) DP83257VF Datasheet HTML 47Page - National Semiconductor (TI) DP83257VF Datasheet HTML 48Page - National Semiconductor (TI) DP83257VF Datasheet HTML 49Page - National Semiconductor (TI) DP83257VF Datasheet HTML 50Page - National Semiconductor (TI) DP83257VF Datasheet HTML 51Page - National Semiconductor (TI) DP83257VF Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 144 page
background image
50 Registers (Continued)
55 CURRENT TRANSMIT STATE REGISTER (CTSR)
The Current Transmit State Register can program the Transmitter Block to internally generate and transmit Idle Master Halt
Quiet or user programmable symbol pairs in addition to the normal transmission of incoming PHY Request data The Smoother
and PHY Request Data Parity are also enabled and disabled through this register
When the Trigger Definition register (TDR) is used the CTSR can automatically be set to a preprogrammed line state when a
trigger condition occurs This capability can be used to implement both PC
React and CF
React
The Transmit Modes have priority over the Repeat Filter and Smoother outputs The Injection Symbols have priority over the
Transmit Modes
During the reset process (ie ERSTeGND) the Transmit Mode is set to Off (TMk20le010) the Smoother is enabled (ie SE
is set to 1) and the Reserved bit (b7) is set to 1 All other bits of this register are cleared (ie set to 0) during the reset process
When the TDR register is used to respond to trigger conditions the CTSR will be blocked when the TDR register transmit mode
is copied into the CTSR The Write Reject bit of the ICR will be set if any writes are attempted at this time
Note
This register has no effect while the device is in Stop Mode
ACCESS RULES
ADDRESS
READ
WRITE
04h
Always
Conditional
D7
D6
D5
D4
D3
D2
D1
D0
RES
PRDPE
SE
IC1
IC0
TM2
TM1
TM0
Bit
Symbol
Description
D0 D1
TM0 TM1
Transmit Mode k0 1 2l
These bits select one of the 6 transmission modes for the PMD Request Data
output port (TXDg)
D2
TM2
TM2
TM1
TM0
000
Active Transmit Mode (ATM)
Normal transmission of incoming PHY Request data
001
Idle Transmit Mode (ITM)
Transmission of Idle symbol pairs (11111 11111)
010
Off Transmit Mode (OTM)
Transmission of Quiet symbol pairs (00000 00000) and
deassertion of the PMD transmitter Enable pin (TXE)
Note
This is the default transmit mode after reset
011
Reserved
Reserved for future use Users are discouraged from using this transmit
mode If selected however the transmitter will generate Quiet symbol pairs (00000
00000)
100
Master Transmit Mode (MTM)
Transmission of Halt and Quiet symbol pairs (00100
00000)
101
Halt Transmit Mode (HTM)
Transmission of Halt symbol pairs (00100 00100)
110
Quiet Transmit Mode (QTM)
Transmission of Quiet symbol pairs (00000 00000)
111
Reserved
Reserved for future use Users are discouraged from using this transmit
mode If selected however the transmitter will generate Quiet symbol pairs
(00000 00000)
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com