Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83257VF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 13Page - National Semiconductor (TI) DP83257VF Datasheet HTML 14Page - National Semiconductor (TI) DP83257VF Datasheet HTML 15Page - National Semiconductor (TI) DP83257VF Datasheet HTML 16Page - National Semiconductor (TI) DP83257VF Datasheet HTML 17Page - National Semiconductor (TI) DP83257VF Datasheet HTML 18Page - National Semiconductor (TI) DP83257VF Datasheet HTML 19Page - National Semiconductor (TI) DP83257VF Datasheet HTML 20Page - National Semiconductor (TI) DP83257VF Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 144 page
background image
30 Functional Description (Continued)
INJECTION CONTROL LOGIC
The Injection Control Logic replaces the data stream with a
programmable symbol pair This function is used to transmit
data other than the normal data frame or Line States The
injection modes can be used for station diagnostic software
The Injection Symbols overwrite the Line State Generator
(Transmit Modes) and the Repeat Filter and Smoother out-
puts
These programmable symbol pairs are stored in the Injec-
tion Symbol Register A (ISRA) and Injection Symbol Regis-
ter B (ISRB) The Injection Threshold Register (IJTR) deter-
mines where the Injection Symbol pair will replace the data
symbols
The Injection Control Logic is programmed through the bits
0 and 1 (ICk10l) of the Current Transmit State Register
(CTSR) to one of the following Injection Modes (see
Figure
3-7 )
1 No Injection (ie normal operation)
2 One Shot
3 Periodic
4 Continuous
In the No Injection mode the data stream is transmitted
unchanged
In the One Shot mode ISRA and ISRB are injected once on
the nth byte after a JK where n is the programmed value
specified in the Injection Threshold Register
In the Periodic mode ISRA and ISRB are injected every nth
symbol
In the Continuous mode all data symbols are replaced with
the content of ISRA and ISRB This is the same as periodic
mode with IJTRe0
SHIFT REGISTER
The Shift Register converts encoded parallel data to serial
data The parallel data is clocked into the Shift Register by
the Local Byte Clock (LBC1) and clocked out by the Trans-
mit Bit Clock (TXCg) (externally available on the DP83257)
NRZ TO NRZI ENCODER
The NRZ to NRZI Encoder converts the serial Non-Return-
To-Zero data to Non-Return-To-Zero-Invert-On-One format
This function can be enabled and disabled through bit 6
(TNRZ) of the Mode Register (MR) When programmed to
‘‘0’’ it converts the bit stream from NRZ to NRZI When
programmed to ‘‘1’’ the bit stream is transmitted NRZ
One Shot
(Notes 13)
TLF11708 – 8
Periodic
(Notes 23)
TLF11708 – 9
Continuous
(Note 3)
TLF11708 – 10
Note 1
In one shot when ne0 the JK is replaced
Note 2
In periodic when ne0 all symbols are replaced
Note 3
Max value on ne255
FIGURE 3-7 Injection Modes
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com