| Electronic Components Datasheet Search |
|
DP83257VF Datasheet(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83257VF Datasheet(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 144 page ![]() 30 Functional Description (Continued) STATION CONFIGURATIONS Single Attach Station (SAS) The Single Attach Station can be connected to either the Primary or Secondary ring via a Concentrator Only 1 MAC is needed in a SAS The DP83256 DP83256-AP and DP83257 can be used in a Single Attach Station The DP83256 and DP83256-AP can be connected to the MAC via its only PHY Port interface The DP83257 can be connected to the MAC via either one of its 2 PHY Port Interfaces See Figure 3-10 and Figure 3-11 TLF11708 – 13 FIGURE 3-10 Single Attach Station Using the DP83256 or DP83256-AP TLF11708 – 14 FIGURE 3-11 Single Attachment Station (SAS) Using the DP83257 Dual Attach Station(DAS) A Dual Attach Station can be connected directly to the dual ring or optionally to a concentrator There are two types of Dual Attach Stations DAS with a single MAC and DAS with two MAC layers See Figure 3-12 and Figure 3-13 Two DP83256 or DP83256-AP parts can be connected to- gether to build a Dual Attach Station however this configu- ration does not support the optional Thru B configuration When the optional Thru B configuration is desired it is rec- ommended that the DP83257 be used A DAS with a single MAC and two paths can be configured as follows (see Figure 3-12 ) B Indicate data of PHY A is connected to A Request input of PHY B B Request input of PHY A is con- nected to A Indicate output of PHY B The MAC can be connected to either the A Request in- put and the A Indicate output of PHY AortheBRe- quest input and the B Indicate output of PHY B A DAS with a single MAC and one path using the DP83256 or DP83256-AP can be configured as follows (see Figure 3- 13 ) B Request input of PHY A is connected to A Indicate output of PHY B The MAC is connected to the B Request input of PHY B and the A Indicate output of PHY A A DAS with dual MACs can be configured as follows (see Figure 3-14 ) B Indicate data of PHY A is connected to A Request input of PHY B B Request input of PHY A is con- nected to A Indicate output of PHY B MAC 1 is connected to the B Indicate output and the B Request Input of PHY B MAC 2 is connected to the A Indicate output and the A Request Input of PHY A 19 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |