Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83257VF Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 66Page - National Semiconductor (TI) DP83257VF Datasheet HTML 67Page - National Semiconductor (TI) DP83257VF Datasheet HTML 68Page - National Semiconductor (TI) DP83257VF Datasheet HTML 69Page - National Semiconductor (TI) DP83257VF Datasheet HTML 70Page - National Semiconductor (TI) DP83257VF Datasheet HTML 71Page - National Semiconductor (TI) DP83257VF Datasheet HTML 72Page - National Semiconductor (TI) DP83257VF Datasheet HTML 73Page - National Semiconductor (TI) DP83257VF Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 144 page
background image
50 Registers (Continued)
526 CURRENT INJECTION COUNT REGISTER (CIJCR)
The Current Injection Count Register takes a snap-shot of the Injection Counter during every Control Bus Interface read cycle of
this register
During a Control Bus Interface write cycle the Control Bus Write Command Reject bit (CCR) of the Interrupt Condition Register
(ICR) will be set to 1 and will ignore a write cycle
The Injection Counter is an 8-bit down-counter which decrements every 80 ns
The counter is active only during One Shot or Periodic Injection Modes (ie Injection Controlk10l bits (ICk10l)ofthe
Current Transmit State Register (CTSR) are set to either 01 or 10)
The Injection Threshold Register (IJTR) value is loaded into the Injection Counter when the counter reaches zero and during
every Control Bus Interface write cycle of IJTR
The counter is initialized to 0 during the reset process (ie ERSTeGND)
ACCESS RULES
ADDRESS
READ
WRITE
19h
Always
Write Reject
D7
D6
D5
D4
D3
D2
D1
D0
IJC7
IJC6
IJC5
IJC4
IJC3
IJC2
IJC1
IJC0
Bit
Symbol
Description
D0 – D7
IJC0 – IJC7
INJECTION COUNT BITk0-7l
Current value of the Injection Counter
IJC0 is the Least Significant Bit (LSB)
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com