Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83257VF Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83257VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83257VF Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button DP83257VF Datasheet HTML 91Page - National Semiconductor (TI) DP83257VF Datasheet HTML 92Page - National Semiconductor (TI) DP83257VF Datasheet HTML 93Page - National Semiconductor (TI) DP83257VF Datasheet HTML 94Page - National Semiconductor (TI) DP83257VF Datasheet HTML 95Page - National Semiconductor (TI) DP83257VF Datasheet HTML 96Page - National Semiconductor (TI) DP83257VF Datasheet HTML 97Page - National Semiconductor (TI) DP83257VF Datasheet HTML 98Page - National Semiconductor (TI) DP83257VF Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 144 page
background image
60 Signal Descriptions (Continued)
62 DP83256VF-AP SIGNAL DESCRIPTIONS
The pin descriptions for the DP83256VF-AP are divided into five functional interfaces PMD Interface PHY Port Interface
Control Bus Interface Clock Interface and Miscellaneous Interface
For a Pinout Summary List refer to Table 8-2 and
Figure 8-2 DP83256VF-AP 100-Pin JEDEC Metric PQFP Pinout
PMD INTERFACE
The PMD Interface consists of IO signals used to connect the PLAYERa device to the Physical Medium Dependant (PMD)
sublayer
The DP83256VF-AP PLAYERa device actually has two PMD interfaces The Primary PMD Interface and the Alternate PMD
Interface
The Primary PMD Interface should be used for all PMD implementations that do not require an external scramblerdescrambler
function clock recovery function or clock generation function such as a Fiber Optic or Shielded Twisted Pair (SDDI) PMD The
second Alternate PMD Interface can be used to support Unshielded Twisted Pair (UTP) PMDs that require external scrambling
with no external clock recovery or clock generation functions required
Section 38 describes how the PLAYERa can be connected to the PMD and how the Alternate PMD can be enabled
Note that when the Alternate PMD Interface is not being used the pins that make up the interface must be connected in the
specific way described in the following Alternate PMD Interface table
Primary PMD Interface
Symbol
Pin
IO
Description
PMIDa
42
I
PMD Indicate Data
Differential 100k ECL 125 Mbps serial data input signals from the PMD Receiver
into the Clock Recovery Module (CRM) of the PLAYERa
PMIDb
41
PMRDa
34
O
PMD Request Data
Differential 100k ECL 125 Mbps serial data output signals to the PMD transmitter
PMRDb
33
SDa
40
I
Signal Detect
Differential 100k ECL input signals from the PMD receiver indicating that a signal is being
received by the PMD receiver
SDb
39
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com