Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256 Datasheet(PDF) 17 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 13Page - Texas Instruments DP83256 Datasheet HTML 14Page - Texas Instruments DP83256 Datasheet HTML 15Page - Texas Instruments DP83256 Datasheet HTML 16Page - Texas Instruments DP83256 Datasheet HTML 17Page - Texas Instruments DP83256 Datasheet HTML 18Page - Texas Instruments DP83256 Datasheet HTML 19Page - Texas Instruments DP83256 Datasheet HTML 20Page - Texas Instruments DP83256 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 146 page
background image
30 Functional Description (Continued)
LINE STATE GENERATOR
The Line State Generator allows the transmission of the
PHY Request data and can also generate and transmit Idle
Master Halt or Quiet symbol pairs which can be used to
implement the Connection Management procedures as
specified in the FDDI Station Management (SMT) standard
document
The Line State Generator is programmed through Transmit
bits 0 to 2 (TMk20l) of the Current Transmit State Regis-
ter (CTSR)
Based on the setting of these bits the Transmitter Block
operates in a Transmit Mode where the Line State Genera-
tor overwrites the Repeat Filter and Smoother outputs
See INJECTION CONTROL LOGIC section for a listing of
the injection Transmit Modes
Table 3-4 describes the Transmit Modes
TABLE 3-4 Transmit Modes
Transit Mode
Behavior
Active Transmit Mode
Transmit data that comes
from Configuration Switch
Off Transmit Mode
Transmit Quiet symbol
pairs and disable the PMD
Transmitter
Idle Transmit Mode
Transmit Idle symbol pairs
Master Transmit Mode
Transmit Halt-Quiet
symbol pairs
Quiet Transmit Mode
Transmit Quiet symbol
pairs
Reserved Transmit Mode
Reserved for future use If
Mode selected Quiet
symbol pairs will be
transmitted
Halt Transmit Mode
Transmit Halt Symbol
pairs
Notes
TLF11708 – 7
SE Smoother Enable
C Preamble Counter
F
IDLE Force
Idle (Stop or ATM)
Xn Current Byte
Xn–1 Previous Byte
W RST
FIGURE 3-6 Smoother State Diagram
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com