Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256 Datasheet(PDF) 100 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 100 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 96Page - Texas Instruments DP83256 Datasheet HTML 97Page - Texas Instruments DP83256 Datasheet HTML 98Page - Texas Instruments DP83256 Datasheet HTML 99Page - Texas Instruments DP83256 Datasheet HTML 100Page - Texas Instruments DP83256 Datasheet HTML 101Page - Texas Instruments DP83256 Datasheet HTML 102Page - Texas Instruments DP83256 Datasheet HTML 103Page - Texas Instruments DP83256 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 146 page
background image
60 Signal Descriptions (Continued)
CLOCK INTERFACE
The Clock Interface consists of 125 MHz and 25 MHz clocks supplied by the PLAYERa device as well as reference and
feedback inputs
Symbol
Pin
IO
Description
LBC1
4
O
Local Byte Clock
TTL compatible 125 MHz 50% duty cycle clock outputs which are phase
locked to a crystal oscillator or reference signal The PH
SEL input determines whether the five
LBC2
3
phase outputs are phase offset by 8 ns or 16 ns
LBC3
2
LBC4
1
LBC5
100
PH
SEL
22
I
Phase Select
TTL compatible input used to select eithera8nsor16ns phase offset between the 5
local byte clocks (LBC’s) The LBC’s are phase offset 8 ns apart when PH
SEL is at a logic LOW
level and 16 ns apart when at a logic HI level
FBK
IN
25
I
Feedback Input
TTL compatible input for use as the PLL’s phase comparator feedback input to
close the Phase Locked Loop This input is intended to be driven from one of the Local Byte Clocks
(LBC’s) from the same PLAYERa device
LSC
99
O
Local Symbol Clock
TTL compatible 25 MHz output for driving the MACSI or BMAC devices This
output’s negative phase transition is aligned with the LBC1 output transitions and has a 40% HI and
60% LOW duty cycle
CLK16
5
O
Clock 1632
TTL compatible clock with a selectable frequency of approximately 15625 MHz or
3125 MHz The frequency can be selected using the Clock Select (CLKSEL) bit of the Mode 2
Register (MODE2)
Note
No glitches appear at the output when switching frequencies
XTAL
IN
27
I
External Crystal Oscillator Input
This input in conjunction with the XTAL
OUT output is
designed for use of an external crystal oscillator network as the frequency reference for the clock
generation module’s internal VCO A diagram of the required circuit which includes only a 125 MHz
crystal and 2 loading capacitors is shown in
Figure 3-19
This input is selected when the REF
SEL input is at a logic LOW level When not being used this
input should be tied to ground
XTAL
OUT
26
O
External Crystal Oscillator Output
This output in conjunction with the XTAL
IN input is designed
for use of an external crystal oscillator network as the frequency reference for the clock generation
module’s internal VCO A diagram of the required circuit which includes only a 125 MHz crystal and
2 loading capacitors is shown in
Figure 3-19
REF
IN
24
I
Reference Input
TTL compatible input for use as the PLL’s phase comparator reference frequency
This input is for use in dual attach station or concentrator configurations where there are multiple
PLAYERa devices at a given site requiring synchronization
This input is selected when the REF
SEL input is at a logic HI level
REF
SEL
23
I
Reference Select
TTL compatible input which selects either the crystal oscillator inputs XTAL
IN
and XTAL
OUT or the REF
IN inputs as the reference frequency inputs for the PLL
The crystal oscillator inputs are selected when REF
SEL is at a logic LOW level and the REF
IN
input is selected as the reference when REF
SEL is at a logic HI level
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com