Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256 Datasheet(PDF) 58 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 58 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 54Page - Texas Instruments DP83256 Datasheet HTML 55Page - Texas Instruments DP83256 Datasheet HTML 56Page - Texas Instruments DP83256 Datasheet HTML 57Page - Texas Instruments DP83256 Datasheet HTML 58Page - Texas Instruments DP83256 Datasheet HTML 59Page - Texas Instruments DP83256 Datasheet HTML 60Page - Texas Instruments DP83256 Datasheet HTML 61Page - Texas Instruments DP83256 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 146 page
background image
50 Registers (Continued)
513 RECEIVE CONDITION MASK REGISTER B (RCMRB)
The Receive Condition Mask Register B allows the user to dynamically select which events will generate an interrupt
The Receive Condition B bit (RCB) of the Interrupt Condition Register (ICR) will be set to 1 when one or more bits within the
Receive Condition Register B (RCRA) is set to 1 and the corresponding mask bits in this register is also set to 1
Since this register is cleared (ie set to 0) during the reset process all interrupts are initially masked
ACCESS RULES
ADDRESS
READ
WRITE
0Ch
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
RESM
SILSM
EBOUM
CSEM
LSUPVM
ALSM
STM
ILSM
Bit
Symbol
Description
D0
ILSM
IDLE LINE STATE MASK
The mask bit for the Idle Line State bit (ILS) of the Receive Condition Register B
(RCRB)
D1
STM
STATE THRESHOLD MASK
The mask bit for the State Threshold bit (ST) of the Receive Condition Register B
(RCRB)
D2
ALSM
ACTIVE LINE STATE MASK
The mask bit for the Active Line State bit (ALS) of the Receive Condition Register
B (RCRB)
D3
LSUPVM
LINE STATE UNKNOWN AND PHY VALID MASK
The mask bit for the Line State Unknown and PHY Valid bit
(LSUPV) of the Receive Condition Register B (RCRB)
D4
CSEM
CASCADE SYNCHRONIZATION ERROR MASKCONNECTION SERVICE EVENT MASK
The mask bit for the Cascade Synchronization ErrorConnection service event bit (CSE) of the Receive Condition
Register B (RCRB)
D5
EBOUM
ELASTICITY BUFFER OVERFLOWUNDERFLOW MASK
The mask bit for the Elasticity Buffer Overflow
Underflow bit (EBOU) of the Receive Condition Register B (RCRB)
D6
SILSM
SUPER IDLE LINE STATE MASK
The mask bit for the Super Idle Line State bit (SILS) of the Receive Condition
Register B (RCRB)
D7
RESM
RESERVED MASK
The mask bit for the Reserved bit (RES) of the Receive Condition Register B (RCRB)
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com