Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256 Datasheet(PDF) 81 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 81 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 77Page - Texas Instruments DP83256 Datasheet HTML 78Page - Texas Instruments DP83256 Datasheet HTML 79Page - Texas Instruments DP83256 Datasheet HTML 80Page - Texas Instruments DP83256 Datasheet HTML 81Page - Texas Instruments DP83256 Datasheet HTML 82Page - Texas Instruments DP83256 Datasheet HTML 83Page - Texas Instruments DP83256 Datasheet HTML 84Page - Texas Instruments DP83256 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 146 page
background image
50 Registers (Continued)
536 SCRUB TIMER THRESHOLD REGISTER (STTR)
This is the threshold value of the internal scrub timer It has a resolution of 4096 ms and a maximum value of E10 ms When
the scrub timer reaches zero the Scrub Timer Expired (CMTCRSTE) bit is set
Scrubbing is initiated when MODE2ESTCe1 and a trigger condition occurs
Writing to STTR during scrubbing will not affect the scrubbing action
ACCESS RULES
ADDRESS
READ
WRITE
24h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
STT7
STT6
STT5
STT4
STT3
STT2
STT1
STT0
Bit
Symbol
Description
D0 – D7
STT0 – STT7
SCRUB TIMER THRESHOLD BITk0-7l
Scrub Timer threshold
STT0 is the Least Significant Bit (LSB)
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com