Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256 Datasheet(PDF) 84 Page - Texas Instruments

Part # DP83256
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83256 Datasheet(HTML) 84 Page - Texas Instruments

Back Button DP83256 Datasheet HTML 80Page - Texas Instruments DP83256 Datasheet HTML 81Page - Texas Instruments DP83256 Datasheet HTML 82Page - Texas Instruments DP83256 Datasheet HTML 83Page - Texas Instruments DP83256 Datasheet HTML 84Page - Texas Instruments DP83256 Datasheet HTML 85Page - Texas Instruments DP83256 Datasheet HTML 86Page - Texas Instruments DP83256 Datasheet HTML 87Page - Texas Instruments DP83256 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 146 page
background image
50 Registers (Continued)
539 TRIGGER TRANSITION CONFIGURATION REGISTER (TTCR)
The Trigger Transition Configuration Register holds the configuration switch setting to be loaded into the Configuration Register
(CR) when a trigger transition takes place When scrubbing is enabled scrubbing is performed for a period of time indicated by
the Scrub Timer Threshold Register (STTR)The register bit descriptions for the Configuration Register and therefore the
Trigger Transition Configuration Register are reprinted below
ACCESS RULES
ADDRESS
READ
WRITE
27h
Always
Always
D7
D6
D5
D4
D3
D2
D1
D0
BIE
AIE
TRS1
TRS0
BIS1
BIS0
AIS1
AIS0
Bit
Symbol
Description
D0 D1
AIS0 AIS1
A
INDICATE SELECTOR k0 1l
The A
Indicate Selector k0 1l bits selects one of the four
Configuration Switch data buses for the A
Indicate output port (AIP AIC AIDk70l)
AIS1
AIS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10A
Request Bus
11B
Request Bus
D2 D3
BIS0 BIS1
B
INDICATE SELECTOR k0 1l
The B
Indicate Selector k0 1l bits selects one of the four
Configuration Switch data buses for the B
Indicate output port (BIP BIC BIDk70l)
BIS1
BIS0
0
0
PHY Invalid Bus
0
1
Receiver
10A
Request Bus
11B
Request Bus
Note
Even though this bit can be set andor cleared in the DP83256 (for single path stations) it will not affect any IOs since the
DP83256 does not offer a B
Indicate port
D4 D5
TRS0 TRS1
TRANSMIT REQUEST SELECTOR k0 1l
The Transmit Request Selector k0 1l bits selects one of
the four Configuration Switch data buses for the input to the Transmitter Block
TRS1
TRS0
0
0
PHY Invalid Bus
0
1
Receiver Bus
10A
Request Bus
11B
Request Bus
Note
If the PLAYERa device is in Active Transmit Mode (ie the Transmit Mode bits (TMk20l) of the Current Transmit State
Register (CTSR) are set to 00) and the PHY Invalid Bus is selected then the PLAYERa device will transmit continuous Idle
symbols due to the Repeat Filter
D6
AIE
A
INDICATE ENABLE
0 Disables the A
Indicate output port The A
Indicate port pins will be tri-stated when the port is
disabled
1 Enables the A
Indicate output port (AIP AIC AIDk70l)
D7
BIE
B
INDICATE ENABLE
0 Disables the B
Indicate output port The B
Indicate port pins will be tri-stated when the port is
disabled
1 Enables the B
Indicate output port (BIP BIC BIDk70l)
Note
Even though this bit can be set andor cleared in the DP83256 (for single path stations) it will not affect any IOs since the
DP83256 does not offer a B
Indicate port
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com