Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7750IPWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 19Page - Texas Instruments DAC7750IPWPR Datasheet HTML 20Page - Texas Instruments DAC7750IPWPR Datasheet HTML 21Page - Texas Instruments DAC7750IPWPR Datasheet HTML 22Page - Texas Instruments DAC7750IPWPR Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
0.00
Supply (V)
Specified Supply
Voltage Range
No Power-On Reset
Supply Max.
Supply Min.
Power-On Reset
POR Threshold
Undefined
Undefined Operation Threshold
23
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.7 Power-On Reset
The DACx750 incorporates two internal POR circuits for the DVDD and AVDD supplies. The DVDD and AVDD
POR signals are ANDed together so that both supplies must be at their minimal specified values for the device to
not be in a reset condition. These POR circuits initialize internal logic and registers, as well as set the analog
outputs to a known state while the device supplies are ramping. All registers are reset to their default values.
Typically the POR function can be ignored, as long as the device supplies power-up and maintains the specified
minimum voltage levels. However, in the case of a supply drop or brownout, the DACx750 can have an internal
POR reset event or lose digital memory integrity. Figure 54 represents the threshold levels for the internal POR
for both the DVDD and AVDD supplies.
Figure 54. Relevant Voltage Levels for POR Circuit
For the DVDD supply, no internal POR occurs for nominal supply operation from 2.7 V (supply min) to 5.5 V
(supply max). For the DVDD supply region between 2.4 V (undefined operation threshold) and 0.8 V (POR
threshold), the internal POR circuit may or may not provide a reset over all temperature conditions. For the
DVDD supply below 0.8 V (POR threshold), the internal POR resets if the supply voltage remains less than 0.8 V
for approximately 1 ms.
For the AVDD supply, no internal POR occurs for nominal supply operation from 10 V (supply min) to 36 V
(supply max). For AVDD supply voltages between 8 V (undefined operation threshold) and 1 V (POR threshold),
the internal POR circuit may or may not provide a reset over all temperature conditions. For the AVDD supply
below 1 V (POR threshold), the internal POR resets if the supply voltage remains less than 1 V for approximately
1 ms. In case the DVDD or AVDD supply drops to a level where the internal POR signal is indeterminate, either
power cycle the device, or toggle the LATCH terminal and then perform a software reset. Both options initialize
the internal circuitry to a known state and provide proper operation.
8.3.8 Alarm Detection
These devices also provide an alarm detection feature. When one or more of following events occur, the ALARM
terminal goes low:
•
The current output load is in open circuit,
•
The voltage at IOUT reaches a level where accuracy of the output current is compromised. This condition is
detected by monitoring internal voltage levels of the IOUT circuitry and is typically below the specified
compliance voltage headroom (defined as the voltage drop between the AVDD and IOUT terminals) minimum
of 2 V,
•
The die temperature exceeds 142°C,
•
The SPI watchdog timer exceeds the timeout period (if enabled), or
•
The SPI frame error CRC check encounters an error (if enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com