Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7750IPWPR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 31 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR Datasheet HTML 32Page - Texas Instruments DAC7750IPWPR Datasheet HTML 33Page - Texas Instruments DAC7750IPWPR Datasheet HTML 34Page - Texas Instruments DAC7750IPWPR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
C
B
A
SDI
LATCH
SCLK
SDI-B
SDI-A
SDI-C
SDO-C
SDO-B
SDO-A
SDO
31
DAC7750, DAC8750
www.ti.com
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
X denotes don't care bits.
(2)
DAC8750 (16-bit version) shown. DAC7750 (12-bit version) contents are located in DB15:DB4.
For DAC7750, DB3:DB0 are don't care bits when writing and zeros when reading.
(3)
No operation, read operation, and watchdog timer are commands and not registers.
Figure 59. Three DACx750s in Daisy-Chain Mode
Like stand-alone operation, the SPI daisy-chain write operation requires one frame, and the read requires two
frames. The rising edge of SCLK that clocks in the MSB of the input frame marks the beginning of the write
cycle. When the serial transfer to all devices is complete, LATCH is taken high. This action transfers the data
from the SPI shift registers to the device internal register of each DACx750 in the daisy-chain. However, the
number of clocks in each frame in this case depends on the number of devices in the daisy chain. For two
devices, each frame is 48 clocks; the first 24 clocks are for the second DAC and the next 24 bits are for the first
DAC. For a readback, the data are read from the two DACs in the following 48-bit frame; the first 24 clocks are
for the second DAC, and the next 24 clocks are for the first DAC. The input data to the DACs during the second
frame can be another command or NOP. Similar to the two-device case described, for N devices, each frame is
N × 24 clocks, where N is the total number of DACx750s in the chain.
The serial clock can be a continuous or gated clock. A continuous SCLK source can only be used if LATCH is
taken high after the correct number of clock cycles. In gated clock mode, a burst clock containing the exact
number of clock cycles must be used, and LATCH must be taken high after the final clock to latch the data.
8.6 Register Maps
Table 11 shows the available registers on the DACx750 devices. See DACx750 Register Descriptions for
descriptions of all DACx750 registers.
Table 11. Command and Register Map
REGISTER OR
COMMAND
READ AND
WRITE
ACCESS
DATA BITS (DB15:DB0)
15:14
13
12
11
10:9
8
7
6
5
4
3
2
1
0
Control
RW
X
REXT
OUTEN
SRCLK
SRSTEP
SREN
DCEN
RANGE
Configuration
RW
X
(1)
CALEN
HARTEN
CRCEN
WDEN
WDPD
DAC Data
(2)
RW
D15:D0
No operation
(3)
—
X
Read Operation
(3)
—
X
READ ADDRESS
Reset
W
RESET
Status
R
Reserved
CRC-FLT
WD-FLT
I-FLT
SR-ON
T-FLT
DAC Gain
Calibration
(2)
RW
G15:G0, unsigned
DAC Zero
Calibration
(2)
RW
Z15:Z0, signed
Watchdog Timer
(3)
—
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com