Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7750IPWPR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 36Page - Texas Instruments DAC7750IPWPR Datasheet HTML 37Page - Texas Instruments DAC7750IPWPR Datasheet HTML 38Page - Texas Instruments DAC7750IPWPR Datasheet HTML 39Page - Texas Instruments DAC7750IPWPR Datasheet HTML 40Page - Texas Instruments DAC7750IPWPR Datasheet HTML 41Page - Texas Instruments DAC7750IPWPR Datasheet HTML 42Page - Texas Instruments DAC7750IPWPR Datasheet HTML 43Page - Texas Instruments DAC7750IPWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
40
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
11.3 Thermal Considerations
The DACx750 is designed for a maximum junction temperature of 150°C. In cases where the maximum AVDD is
driving maximum current into ground, this junction temperature can be exceeded. Use Equation 7 to determine
the maximum junction temperature that can be reached.
Power dissipation = (TJ max – TA) / θJA
where
•
TJ max = 150°C
•
TA is the ambient temperature
•
θJA is the package-dependent, junction-to-ambient thermal resistance, found in Thermal Information.
(7)
The power dissipation is calculated by multiplying all the supply voltages with the currents supplied, which are
found in the Power Requirements subsection of Electrical Characteristics.
Consider an example: IOUT is enabled, supplying 24 mA into GND with a 25°C ambient temperature, AVDD of
24 V, and DVDD is generated internally. From the Electrical Characteristics, the max value of AIDD = 3 mA when
IOUT is enabled and DAC code = 0x0000. Also, the max value of DIDD = 1 mA. Accordingly, the worst-case
power dissipation is 24 V × (24 mA + 3 mA + 1 mA) = 672 mW. Using the θJA value for the TSSOP package, we
get TJ max = 25°C + (32.3 × 0.672)°C = 46.7°C. At 85°C ambient temperature, the corresponding value of TJ
max is 106.7°C. Using this type of analysis, the system designer can both specify and design for the equipment
operating conditions. Note that for enhanced thermal performance, connect the thermal pad in both packages to
a copper plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com