Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7750IPWPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
1
4
7
10
13
16
19
22
25
Time (200 µs/div)
no cap
3 nF CAP1
3 nF CAP2
10 nF CAP1
10 nF CAP2
C001
T
A = 25ºC
AVDD = 24 V
R
LOAD = 250 Ÿ
28
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
8.4.4 Filtering The Current Output
The DACx750 provides access to internal nodes of the circuit as shown in Figure 61. Place capacitors on these
terminals and AVDD to form a filter on the output current, reducing bandwidth and the slew rate of the output,
especially useful for driving inductive loads. However, to achieve large reductions in slew rate, use the
programmable slew rate to avoid having to use large capacitors. Even in that case, use the capacitors on CAP1
and CAP2 to smooth out the stairsteps caused by the digital code changes as shown in Figure 57. However,
note that power supply ripple also couples into the devices through these capacitors.
Figure 57. IOUT vs Time for Different Cap Values on CAP1 and CAP2
8.4.5 Output Current Monitoring
Many applications, especially for functional safety, require monitoring of the output current to ensure it stays
close to the programmed value. Place a sense resistor in series to the output to measure the voltage across it.
However, this resistor reduces the compliance voltage available for the load. The DACx750 provides access to
an internal precision resistor (R3 in Figure 53) through the R3-SENSE and BOOST terminals to perform analog
readback for monitoring the output current. Measure the voltage between the R3-SENSE and BOOST terminals
and divide by the value of the R3 resistor to determine the magnitude of the output current. The R3 resistor has a
typical value of 40 Ω (see Figure 39 for a plot of resistance versus temperature) with a temperature drift
coefficient of 40 ppm/°C (see Figure 40 for a histogram of R3 resistance temperature drift). The R3 resistor is
tested to stay within the minimum (36 Ω) and maximum (44 Ω) resistance values shown in the R3 Resistor
section of Electrical Characteristics. To remove the tolerance error, perform a simple calibration by programming
a certain value of output current, measuring the voltage across R3-SENSE and BOOST, and calculating the
exact value of R3.
8.4.6 HART Interface
On the DACx750, HART digital communication can be modulated onto the input signal by the methods shown in
the following subsections. For more detail, see Implementing HART Communication with the DAC8760 Family.
8.4.6.1 Implementing HART in 4-mA to 20-mA Mode
This method is limited to the case where the RANGE bits of the Control Register are programmed to the 4-mA to
20-mA range. Some applications require going beyond the 4-mA to 20-mA range. In those cases, refer to the
methods described in the next subsection.
The external HART signal (ac voltage; 500 mVPP, 1200 Hz, and 2200 Hz) can be capacitively coupled in through
the HART-IN terminal and transferred to a current that is superimposed on the 4-mA to 20-mA current output.
The HART-IN terminal has a typical input impedance of 35 kΩ that together with the input capacitor used to
couple the external HART signal, forms a filter to attenuate frequencies beyond the HART band-pass region. In
addition to this filter, an external passive filter is recommended to complete the filtering requirements of the
HART specifications. Figure 58 illustrates the output current versus time operation for a typical HART signal.
Table 6 specifies the performance of the HART-IN terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com