Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7750IPWPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR Datasheet HTML 30Page - Texas Instruments DAC7750IPWPR Datasheet HTML 31Page - Texas Instruments DAC7750IPWPR Datasheet HTML 32Page - Texas Instruments DAC7750IPWPR Datasheet HTML 33Page - Texas Instruments DAC7750IPWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
30
DAC7750, DAC8750
SBAS538B – DECEMBER 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7750 DAC8750
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table 8. Write Address Functions
ADDRESS
BYTE
(HEX)
FUNCTION
00
No operation (NOP)
01
Write DAC Data register
02
Register read
55
Write control register
56
Write reset register
57
Write configuration register
58
Write DAC gain calibration register
59
Write DAC zero calibration register
95
Watchdog timer reset
8.5.1.3 Read Operation
A read operation is accomplished when the address byte is 0x02. Follow the read operation with a no-operation
(NOP) command to clock out an addressed register, as shown in Figure 2. To read from a register, the address
byte and data word is as shown in Table 9. The read register value is output MSB first on SDO on successive
falling edges of SCLK.
Table 9. Default SPI Frame for Register Read
ADDRESS BYTE
(HEX)
DATA WORD
BIT 15:BIT 6
BIT 5:BIT 0
02
X (don't care)
Register read address (see Table 10)
Table 10 shows the register read addresses available on the DACx750 devices.
(1)
X denotes don't care bits.
Table 10. Register Read Address Functions
READ ADDRESS(1)
FUNCTION
XX XX00
Read status register
XX XX01
Read DAC data register
XX XX10
Read control register
00 1011
Read configuration register
01 0011
Read DAC gain calibration register
01 0111
Read DAC zero calibration register
8.5.1.4 Stand-Alone Operation
SCLK can operate in either continuous or burst mode, as long as the LATCH rising edge occurs after the
appropriate number of SCLK cycles. Providing more than or less than 24 SCLK cycles before the rising edge of
LATCH results in incorrect data being programmed into the device registers, and incorrect data sent out on SDO.
The rising edge of SCLK that clocks in the MSB of the 24-bit input frame marks the beginning of the write cycle,
and data are written to the addressed registers on the rising edge of LATCH.
8.5.1.5 Daisy-Chain Operation
For systems that contain multiple DACx750s, use the SDO terminal to daisy-chain several devices. This mode is
useful in reducing the number of serial interface lines in applications that use multiple SPI devices. Daisy-chain
mode is enabled by setting the DCEN bit of the control register to 1. By connecting the SDO of the first device to
the SDI input of the next device in the chain, a multiple-device interface is constructed, as Figure 59 illustrates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com