Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981A Datasheet(PDF) 8 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1981A Datasheet HTML 4Page - Analog Devices AD1981A Datasheet HTML 5Page - Analog Devices AD1981A Datasheet HTML 6Page - Analog Devices AD1981A Datasheet HTML 7Page - Analog Devices AD1981A Datasheet HTML 8Page - Analog Devices AD1981A Datasheet HTML 9Page - Analog Devices AD1981A Datasheet HTML 10Page - Analog Devices AD1981A Datasheet HTML 11Page - Analog Devices AD1981A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. 0
AD1981A
–8–
Indexed Control Registers
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0090h
02h
Master Volume
MM
X
X
LMV4
LMV3
LMV2
LMV1
LMV0
RM*
X
X
RMV4
RMV3
RMV2
RMV1
RMV0
8000h
04h
Headphones Volume
HPM
X
X
LHV4
LHV3
LHV2
LHV1
LHV0
RM*
X
X
RHV4
RHV3
RHV2
RHV1
RHV0
8000h
06h
Mono Volume
MVM
X
X
X
X
X
X
X
X
X
X
MV4
MV2
MV2
MV1
MV0
8000h
0Ch
Phone Volume
PHM
X
X
X
X
X
X
X
X
X
X
PHV4
PHV3
PHV2
PHV1
PHV0
8008h
0Eh
Mic Volume
MCM
X
X
X
X
X
X
X
X
M20
X
MCV4
MCV3
MCV2
MCV1
MCV0
8008h
10h
Line In Volume
LM
X
X
LLV4
LLV3
LLV2
LLV1
LLV0
RM*
X
X
RLV4
RLV3
RLV2
RLV1
RLV0
8808h
12h
CD Volume
CM
X
X
LCV4
LCV3
LCV2
LCV1
LCV0
RM*
X
X
RCV4
RCV3
RCV2
RCV1
RCV0
8808h
16h
AUX Volume
AM
X
X
LAV4
LAV3
LAV2
LAV1
LAV0
RM*
X
X
RAV4
RAV3
RAV2
RAV1
RAV0
8808h
18h
PCM Out Vol
OM
X
X
LOV4
LOV3
LOV2
LOV1
LOV0
RM*
X
X
ROV4
ROV3
ROV2
ROV1
ROV0
8808h
1Ah
Record Select
X
X
X
X
X
LS2
LS1
LS0
X
X
X
X
X
RS2
RS1
RS0
0000h
1Ch
Record Gain
IM
X
X
X
LIM3
LIM2
LIM1
LIM0
RM*
X
X
X
RIM3
RIM2
RIM1
RIM0
8000h
20h
General Purpose
X
X
X
X
X
X
X
X
LPBK X
XXXXX
X
0000h
26h
Power-Down Ctrl/Stat
EAPD
PR6
PR5
PR4
PR3
PR2
PR1
PR0
X
X
X
X
REF
ANL
DAC
ADC
000Xh
28h
Ext’d Audio ID
ID1
ID0
X
X
REV1
REV0
AMAP X
X
X
DSA1
DSA0
X
SPDIF
X
VRA
X605h
2Ah
Ext’d Audio Stat/Ctrl
VFORCE X
X
X
X
SPCV
X
X
X
X
SPSA1
SPSA0
X
SPDIF
X
VRA
0000h
2Ch
PCM Front DAC Rate
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
(SR1)
32h
PCM L/R ADC Rate
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
BB80h
(SR0)
3Ah
SPDIF Control
V
X
SPSR1
SPSR0
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY
/AUD
PRO
2000h
60h
EQ CTRL
EQM
MAD
X
X
X
X
X
X
SYM
CHS
BCA5
BCA4
BCA3
BCA2
BCA1
BCA0
8080h
LBEN
62h
EQ DATA
CFD15
CFD14
CFD13
CFD12
CFD11
CFD10
CFD9
CFD8
CFD7 CFD6 CFD5
CFD4
CFD3
CFD2
CFD1
CFD0
0000h
64h
Mixer ADC, Volume
MXM
X
X
X
LMG3
LMG2
LMG1
LMG0
RM*
X
X
X
RMG3
RMG2
RMG1 RMG0
8000h
72h
JACK SENSE
X
X
X
JS
JS
JS
JS1
JS0
JS1
JS0
JS1
JS0
JS1
JS0
JS1
JS0
0000h
MT2
MT1
MT0
EQB
EQB
TMR
TMR
MD
MD
ST
ST
INT
INT
74h
Serial Configuration
SLOT
REGM
REGM
REGM
X
X
X
CHEN
X
X
X
INTS
X
SPAL
SPDZ
SPLNK
7001h
16
2
1
0
76h
Misc Control Bits
DACZ
X
M
X
DAM
X
FMXE X
X
MAD
X
MAD
VREFH VREFD MBG1 MBG0
0000h
SPLT
PD
ST
7Ch
Vendor ID1
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4144h
7Eh
Vendor ID2
T7
T6
T5
T4
T3
T2
T1
T0
REV7 REV6 REV5
REV4
REV3
REV2
REV1
REV0
5372h
NOTES
All registers not shown. Bits containing an X are assumed to be reserved.
Odd registers are reserved, not aliased.
Reserved registers should not be written to.
Zeros should be written to bits containing an X.
*For AC ‘97 compatibility, Bit D7 (RM) is only available by setting the MSPLT Bit Register 76h. The MSPLT bit enables separate mute bits for the left and right
channels. If MSPLT is not set, RM bit has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com