Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981A Datasheet(PDF) 18 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1981A Datasheet HTML 14Page - Analog Devices AD1981A Datasheet HTML 15Page - Analog Devices AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices AD1981A Datasheet HTML 18Page - Analog Devices AD1981A Datasheet HTML 19Page - Analog Devices AD1981A Datasheet HTML 20Page - Analog Devices AD1981A Datasheet HTML 21Page - Analog Devices AD1981A Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
AD1981A
–18–
CHS
Channel Select:
CHS = 0 Selects Left Channel Coefficients Data Block
CHS = 1 Selects Right Channel Coefficients Data Block
SYM
Symmetry: When set to “1,” this bit indicates that the left and right channel coefficients are equal.
This shortens the coefficients setup sequence since only the left channel coefficients need to be addressed and set up
(the right channel coefficients are fetched from the left channel memory).
MAD
Mixer ADC Loop-Back Enable: Enables mixer ADC data to be summed into PCM stream.
LBEN
0 = No Loop-Back allowed (default)
1 = Enable Loop-Back
EQM
Equalizer Mute: When set to “1,” this bit disables the equalizer function (allows all data pass-through).
The reset default sets this bit to “1,” disabling the equalizer function until the biquad coefficients can be properly set.
EQ Data Register (Index 62h)
Reg. Num. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
62h
EQ DATA CFD15 CFD14 CFD13 CFD12 CFD11 CFD10 CFD9 CFD8 CFD7 CFD6 CFD5 CFD4 CFD3 CFD2 CFD1 CFD0 0000h
This read/write register is used to transfer EQ biquad coefficients into memory.
The register data is transferred to, or retrieved from, the address pointed by the BCA bits in the EQ CNTRL Register (60h). Data will only be written to memory if
the EQM Bit (Register 60h Bit 15) is asserted. DACs should be powered down when new EQ coefficients are being added.
CFD[15:0]
Coefficient Data: The biquad coefficients are fixed point format values with 16 bits of resolution. The CFD15 bit is
the MSB, and the CFD0 bit is the LSB.
Mixer ADC, Input Gain Register (Index 64h)
*For AC ‘97 compatibility, Bit D7 (RM) is only available by setting the MSPLT bit in Register 76h. The MSPLT bit enables separate
mute bits for the left and right channels. If MSPLT is not set, RM bit has no effect.
RMG[3:0]
Right Mixer Gain Control: This register controls the gain into the mixer ADC, from 0 dB to a maximum gain of
+22.5 dB. The least significant bit represents 1.5 dB.
RM
Right Channel Mute: Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately
from the IM bit. Otherwise, this bit will always read “0” and will have no effect when set to “1.”
LMG[3:0]
Left Mixer Gain Control: This register controls the gain into the mixer ADC, from 0 dB to a maximum gain of
+22.5 dB. The least significant bit represents 1.5 dB.
MXM
Mixer Gain Mute:
0 = Unmuted,
1 = Muted or –
∞ dB gain.
MXM
xMG3...xMG0
Function
0
1111
+22.5 dB gain
0
0000
0 dB gain
1
xxxxx
–
∞ dB gain
Jack Sense/Audio Interrupt/Status Register (Index 72h)
Reg Num Name
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6
D5
D4 D3 D2
D1
D0 Default
72h
JACK SENSE
X
X
X
JS
JS
JS
JS1
JS0
JS1
JS0
JS1 JS0 JS1 JS0 JS1
JS0
0000h
MT2 MT1 MT0 EQB EQB TMR TMR MD MD ST ST INT INT
All register bits are read/write except for JS0ST and JS1ST, which are read only.
Reg Num Name
D15 D14 D13 D12
D11
D10
D9
D8
D7 D6 D5 D4
D3
D2
D1
D0
Default
64h
Mixer Volume MXM
X
X
X
LMG3 LMG2 LMG1 LMG0 RM
* X
X
X RMG3 RMG2 RMG1 RMG0 8000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com