Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981A Datasheet(PDF) 22 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices AD1981A Datasheet HTML 18Page - Analog Devices AD1981A Datasheet HTML 19Page - Analog Devices AD1981A Datasheet HTML 20Page - Analog Devices AD1981A Datasheet HTML 21Page - Analog Devices AD1981A Datasheet HTML 22Page - Analog Devices AD1981A Datasheet HTML 23Page - Analog Devices AD1981A Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
REV. 0
AD1981A
–22–
Vendor ID Registers (Index 7Eh)
Reg Num Name
D15 D14 D13 D12 D11 D10 D9 D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
7Eh
Vendor ID2 T7
T6
T5
T4
T3
T2 T1 T0 REV7 REV6 REV5 REV4 REV3 REV2 REV1 REV0
5372h
T[7:0] This register is ASCII encoded to ‘S’
REV[7:0] Vendor-specific revision number: The AD1981A assigns 71h to this field.
Table II. Codec ID and External Clock Selection
ID1
IDO
CODEC ID
CODEC CLOCKING SOURCE
1
1
(00) PRIMARY
24.576 MHz (Local Xtal or External into XTL_IN)
1
0
(01) SECONDARY
12.288 MHz (External into Bit_Clk)
0
1
(00) PRIMARY
48.000 MHz (External into XTL_IN)
0
0
(00) PRIMARY
14.31818 MHz (External into XTL_IN)
Note that the ID# Pins have weak internal pull-ups and are inverted internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com