Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981A Datasheet(PDF) 19 Page - Analog Devices

Part # AD1981A
Description  AC ??7 SoundMAX Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981A Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1981A Datasheet HTML 15Page - Analog Devices AD1981A Datasheet HTML 16Page - Analog Devices AD1981A Datasheet HTML 17Page - Analog Devices AD1981A Datasheet HTML 18Page - Analog Devices AD1981A Datasheet HTML 19Page - Analog Devices AD1981A Datasheet HTML 20Page - Analog Devices AD1981A Datasheet HTML 21Page - Analog Devices AD1981A Datasheet HTML 22Page - Analog Devices AD1981A Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD1981A
–19–
JS0INT
Indicates Pin JS0 has generated an interrupt. Remains set until the software services JS0 interrupt, i.e., JS0 ISR,
should clear this bit by writing a “0” to it.
Note that the interrupt to the system is actually an OR combination of this bit and JS1INT. Also note that the
actual interrupt implementation is selected by the INTS Bit (Reg 74h). It is also possible to generate a software
system interrupt by writing a “1” to this bit.
JS1INT
Indicates Pin JS1 has generated an interrupt. Remains set until the software services JS1 interrupt, i.e., JS1 ISR
should clear this bit by writing a “0” to it.
See JS0INT description above for additional details.
JS0ST
JS0 STATE: This bit always reports the logic state of JS0 Pin.
JS1ST
JS1 STATE: This bit always reports the logic state of JS1 Pin.
JS0MD
JS0 MODE: This bit selects the operation mode for the JS0 Pin.
0 = Jack Sense Mode (Default)
1 = Interrupt Mode
JS1MD
JS1 MODE: This bit selects the operation mode for the JS1 Pin.
0 = Jack Sense Mode (Default)
1 = Interrupt Mode
JS0TMR
JS0 Timer Enable: If this bit is set to a “1,” JS0 must be high for greater than 250 ms to be recognized.
JS1TMR
JS1 Timer Enable: If this bit is set to a “1,” JS1 must be high for greater than 250 ms to be recognized.
JS0EQB
JS0 EQ Bypass Enable: This bit enables JS0 to control the EQ bypass.
When this bit is set to “1,” JS0 = 1 will cause the EQ to be bypassed.
JS1EQB
JS1 EQ Bypass Enable: This bit enables JS1 to control the EQ bypass.
When this bit is set to “1,” JS1 = 1 will cause the EQ to be bypassed.
JSMT[2,0]
JS Mute Enable Selector:
These 3 bits select and enable the Jack Sense muting action (see Table I).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com