Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461ARM Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7461ARM
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461ARM Datasheet(HTML) 4 Page - Analog Devices

  ADT7461ARM Datasheet HTML 1Page - Analog Devices ADT7461ARM Datasheet HTML 2Page - Analog Devices ADT7461ARM Datasheet HTML 3Page - Analog Devices ADT7461ARM Datasheet HTML 4Page - Analog Devices ADT7461ARM Datasheet HTML 5Page - Analog Devices ADT7461ARM Datasheet HTML 6Page - Analog Devices ADT7461ARM Datasheet HTML 7Page - Analog Devices ADT7461ARM Datasheet HTML 8Page - Analog Devices ADT7461ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADT7461
SMBus TIMING SPECIFICATIONS
Table 2. SMBus Timing Specifications1
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
400
kHz max
tLOW
4.7
µs min
Clock Low Period, between 10% Points.
tHIGH
4
µs min
Clock High Period, between 90% Points.
tR
1
µs max
Clock/Data Rise Time.
tF
300
ns max
Clock/Data Fall Time.
tSU; STA
4.7
µs min
Start Condition Setup Time.
tHD; STA2
4
µs min
Start Condition Hold Time.
tSU; DAT3
250
ns min
Data Setup Time.
tHD; DAT
300
µs min
Data Hold Time.
tSU; STO4
4
µs min
Stop Condition Setup Time.
tBUF
4.7
µs min
Bus Free Time between Stop and Start Conditions.
1 Guaranteed by design but not production tested.
2 Time from 10% of SDATA to 90% of SCLK.
3 Time for 10% or 90% of SDATA to 10% of SCLK.
4 Time for 90% of SCLK to 10% of SDATA.
SCLK
SDATA
tR
tF
tLOW
tHD;DAT
tHD;STA
tHIGH
tSU;DAT
STOP START
STOP
START
tSU;STA
tSU;STO
tHD;STA
tBUF
Figure 2. Serial Bus Timing
Rev. 0 | Page 4 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com