Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461ARM Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7461ARM
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7461ARM Datasheet HTML 4Page - Analog Devices ADT7461ARM Datasheet HTML 5Page - Analog Devices ADT7461ARM Datasheet HTML 6Page - Analog Devices ADT7461ARM Datasheet HTML 7Page - Analog Devices ADT7461ARM Datasheet HTML 8Page - Analog Devices ADT7461ARM Datasheet HTML 9Page - Analog Devices ADT7461ARM Datasheet HTML 10Page - Analog Devices ADT7461ARM Datasheet HTML 11Page - Analog Devices ADT7461ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADT7461
60
0
100
200
300
400
500
FREQUENCY (MHz)
600
0
10
20
30
40
50
60mV
100mV
40mV
Figure 10. Temperature Error vs. Common-Mode Noise Frequency
40
0
100
200
300
3V
5.5V
SCL CLOCK FREQUENCY (kHz)
400
50
150
250
350
0
5
10
15
20
25
30
35
Figure 11. Standby Supply Current vs. Clock Frequency
7
3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
VDD (V)
0
1
2
3
4
5
6
Figure 12. Standby Current vs. Supply Voltage
0
2
10
200
1k
2k
3k
4k
SERIES RESISTANCE (
Ω)
–5
0
5
10
15
20
25
30
35
40
45
50
3.3V T = –30
3.3V T = +25
3.3V T = +120
5.5V T = –30
5.5V T = +25
5.5V T = +120
Figure 13. Temperature Error vs. Series Resistance
Rev. 0 | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com