Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461ARM Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7461ARM
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461ARM Datasheet(HTML) 5 Page - Analog Devices

  ADT7461ARM Datasheet HTML 1Page - Analog Devices ADT7461ARM Datasheet HTML 2Page - Analog Devices ADT7461ARM Datasheet HTML 3Page - Analog Devices ADT7461ARM Datasheet HTML 4Page - Analog Devices ADT7461ARM Datasheet HTML 5Page - Analog Devices ADT7461ARM Datasheet HTML 6Page - Analog Devices ADT7461ARM Datasheet HTML 7Page - Analog Devices ADT7461ARM Datasheet HTML 8Page - Analog Devices ADT7461ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADT7461
ABSOLUTE MAXIMUM RATINGS
Table 3. ADT7461 Absolute Maximum Ratings*
Parameter
Rating
Positive Supply Voltage (VDD) to GND
−0.3 V, +5.5 V
D+
−0.3 V to VDD + 0.3 V
D− to GND
−0.3 V to +0.6 V
SCLK, SDATA, ALERT
−0.3 V to +5.5 V
THERM
−0.3 V to VDD + 0.3 V
Input Current, SDATA, THERM
−1 mA, +50 mA
Input Current, D−
±1 mA
ESD Rating, All Pins (Human Body Model)
2000 V
Maximum Junction Temperature (TJ Max)
150°C
Storage Temperature Range
−65°C to +150°C
IR Reflow Peak Temperature
220°C
Lead Temperature (Soldering 10 sec)
300°C
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those indi-
cated in the operational section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
8-Lead SOIC Package
θJA = 121°C/W
8-Lead MSOP Package
θJA = 142°C/W
Rev. 0 | Page 5 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com