Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461ARM Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7461ARM
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7461ARM Datasheet HTML 10Page - Analog Devices ADT7461ARM Datasheet HTML 11Page - Analog Devices ADT7461ARM Datasheet HTML 12Page - Analog Devices ADT7461ARM Datasheet HTML 13Page - Analog Devices ADT7461ARM Datasheet HTML 14Page - Analog Devices ADT7461ARM Datasheet HTML 15Page - Analog Devices ADT7461ARM Datasheet HTML 16Page - Analog Devices ADT7461ARM Datasheet HTML 17Page - Analog Devices ADT7461ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADT7461
Table 12. List of ADT7461 Registers
Read Address (Hex)
Write Address (Hex)
Name
Power-On Default
Not Applicable
Not Applicable
Address Pointer
Undefined
00
Not Applicable
Local Temperature Value
0000 0000 (0×00)
01
Not Applicable
External Temperature Value High Byte
0000 0000 (0×00)
02
Not Applicable
Status
Undefined
03
09
Configuration
0000 0000 (0×00)
04
0A
Conversion Rate
0000 1000 (0×08)
05
0B
Local Temperature High Limit
0101 0101 (0×55) (85°C)
06
0C
Local Temperature Low Limit
0000 0000 (0×00) (0°C)
07
0D
External Temperature High Limit High Byte
0101 0101 (0×55) (85°C)
08
0E
External Temperature Low Limit High Byte
0000 0000 (0×00) (0°C)
Not Applicable
0F
One-Shot
10
Not Applicable
External Temperature Value Low Byte
0000 0000
11
11
External Temperature Offset High Byte
0000 0000
12
12
External Temperature Offset Low Byte
0000 0000
13
13
External Temperature High Limit Low Byte
0000 0000
14
14
External Temperature Low Limit Low Byte
0000 0000
19
19
External THERM Limit
0110 1100 (0×55) (85°C)
20
20
Local THERM Limit
0101 0101 (0×55) (85°C)
21
21
THERM Hysteresis
0000 1010 (0×0A) (10°C)
22
22
Consecutive ALERT
0000 0001 (0×01)
FE
Not Applicable
Manufacturer ID
0100 0001 (0×41)
FF
Not Applicable
Die Revision Code
0101 0001 (0×51)
*Writing to address 0F causes the ADT7461 to perform a single measurement. It is not a data register as such and it does not matter what data is written to it.
SERIAL BUS INTERFACE
Control of the ADT7461 is carried out via the serial bus. The
ADT7461 is connected to this bus as a slave device, under the
control of a master device.
The ADT7461 has an SMBus timeout feature. When this is en-
abled, the SMBus will timeout after typically 25 ms of no activ-
ity. However, this feature is not enabled by default. Bit 7 of the
consecutive alert register (Address = 0×22) should be set to
enable it.
The ADT7461 supports packet error checking (PEC) and its use
is optional. It is triggered by supplying the extra clock for the
PEC byte. The PEC byte is calculated using CRC-8. The frame
check sequence (FCS) conforms to CRC-8 by the polynomial
()
1
1
2
8
+
+
+
=
x
x
x
x
C
Consult the SMBus 1.1 specification for more information
(www.smbus.org).
ADDRESSING THE DEVICE
In general, every SMBus device has a 7-bit device address,
except for some devices that have extended, 10-bit addresses.
When the master device sends a device address over the bus, the
slave device with that address will respond. The ADT7461 is
available with one device address, 0×4C (1001 100b).
The serial bus protocol operates as follows:
1.
The master initiates data transfer by establishing a START
condition, defined as a high-to-low transition on the serial
data line SDATA, while the serial clock line SCLK remains
high. This indicates that an address/data stream will follow.
All slave peripherals connected to the serial bus respond to
the START condition and shift in the next eight bits, con-
sisting of a 7-bit address (MSB first) plus an R/W bit,
which determines the direction of the data transfer, i.e.,
whether data will be written to or read from the slave
device. The peripheral whose address corresponds to the
transmitted address responds by pulling the data line low
during the low period before the ninth clock pulse, known
as the Acknowledge Bit. All other devices on the bus now
remain idle while the selected device waits for data to be
read from or written to it. If the R/W bit is a 0, the master
will write to the slave device. If the R/W bit is a 1, the mas-
ter will read from the slave device.
2.
Data is sent over the serial bus in a sequence of nine clock
pulses, eight bits of data followed by an Acknowledge Bit
from the slave device. Transitions on the data line must
occur during the low period of the clock signal and remain
stable during the high period, since a low-to-high transition
when the clock is high may be interpreted as a STOP signal.
The number of data bytes that can be transmitted over the
Rev. 0 | Page 14 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com