Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461ARM Datasheet(PDF) 10 Page - Analog Devices

Part # ADT7461ARM
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button ADT7461ARM Datasheet HTML 6Page - Analog Devices ADT7461ARM Datasheet HTML 7Page - Analog Devices ADT7461ARM Datasheet HTML 8Page - Analog Devices ADT7461ARM Datasheet HTML 9Page - Analog Devices ADT7461ARM Datasheet HTML 10Page - Analog Devices ADT7461ARM Datasheet HTML 11Page - Analog Devices ADT7461ARM Datasheet HTML 12Page - Analog Devices ADT7461ARM Datasheet HTML 13Page - Analog Devices ADT7461ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADT7461
I
N1
×IN2×I
IBIAS
VDD
VOUT+
TO ADC
VOUT–
REMOTE
SENSING
TRANSISTOR
*CAPACITOR C1 IS OPTIONAL. IT SHOULD ONLY BE USED IN NOISY ENVIRONMENTS.
D+
D–
C1*
BIAS
DIODE
LOW-PASS FILTER
fC = 65kHz
Figure 14. Input Signal Conditioning
TEMPERATURE MEASUREMENT RESULTS
The results of the local and remote temperature measurements
are stored in the local and remote temperature value registers
and are compared with limits programmed into the local and
remote high and low limit registers.
The local temperature value is in Register 0×00 and has a
resolution of 1°C. The external temperature value is stored in
two registers, with the upper byte in Register 0×01 and the
lower byte in Register 0×10. Only the two MSBs in the external
temperature low byte are used. This gives the external tempera-
ture measurement a resolution of 0.25°C. T
shows the data
format for the external temperature low byte.
able 5
Table 5. Extended Temperature Resolution (Remote
Temperature Low Byte)
Extended
Resolution
Remote Temperature Low Byte
0.00°C
0 000 0000
0.25°C
0 100 0000
0.50°C
1 000 0000
0.75°C
1 100 0000
When reading the full external temperature value, both the high
and low byte, the two registers should be read in succession.
Reading one register does not lock the other, so both should be
read before the next conversion finishes. In practice, there is
more than enough time to read both registers, as transactions
over the SMBus are significantly faster than a conversion time.
TEMPERATURE MEASUREMENT RANGE
The temperature measurement range for both internal and
external measurements is, by default, 0°C to +127°C. However,
the ADT7461 can be operated using an extended temperature
range. It can measure the full temperature range of an external
diode, from −55°C to +150°C. The user can switch between
these two temperature ranges by setting or clearing Bit 2 in
the configuration register. A valid result is available in the next
measurement cycle after changing the temperature range.
In extended temperature mode, the upper and lower tempera-
ture that can be measured by the ADT7461 is limited by the
remote diode selection. The temperature registers themselves
can have values from −64°C to +191°C. However, most tem-
perature sensing diodes have a maximum temperature range of
−55°C to +150°C.
It should be noted that while both local and remote temperature
measurements can be made while the part is in extended
temperature mode, the ADT7461 itself should not be exposed to
temperatures greater than those specified in the absolute maximum
ratings section. Further, the device is only guaranteed to operate as
specified at ambient temperatures from −40°C to +120°C.
TEMPERATURE DATA FORMAT
The ADT7461 has two temperature data formats. When the
temperature measurement range is from 0°C to +127°C (de-
fault), the temperature data format for both internal and exter-
nal temperature results is binary. When the measurement range
is in extended mode, an offset binary data format is used for
both internal and external results. Temperature values in the
offset binary data format are offset by +64. Examples of tem-
peratures in both data formats are shown in
.
Table 6
Rev. 0 | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com