Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00NSLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC00NSLE
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00NSLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC00NSLE Datasheet HTML 1Page - Texas Instruments SN74HC00NSLE Datasheet HTML 2Page - Texas Instruments SN74HC00NSLE Datasheet HTML 3Page - Texas Instruments SN74HC00NSLE Datasheet HTML 4Page - Texas Instruments SN74HC00NSLE Datasheet HTML 5Page - Texas Instruments SN74HC00NSLE Datasheet HTML 6Page - Texas Instruments SN74HC00NSLE Datasheet HTML 7Page - Texas Instruments SN74HC00NSLE Datasheet HTML 8Page - Texas Instruments SN74HC00NSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Not to scale
4
1Y
5
NC
6
2A
7
NC
8
2B
14
3B
15
NC
16
4Y
17
NC
18
4A
1
1A
14
VCC
2
1B
13
4B
3
1Y
12
4A
4
2A
11
4Y
5
2B
10
3B
6
2Y
9
3A
7
GND
8
3Y
Not to scale
3
SN54HC00, SN74HC00
www.ti.com
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, J, N, NS, PW, and W Package
14-Pin SOIC, SSOP, CDIP, PDIP, SOP, TSSOP, and CFP
Top View
FK Package
20-Pin LCCC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, SSOP,
CDIP, PDIP, SOP,
TSSOP, CFP
LCCC
1A
1
2
I
Gate 1 input
1B
2
3
I
Gate 1 input
1Y
3
4
O
Gate 1 output
2A
4
6
I
Gate 2 input
2B
5
8
I
Gate 2 input
2Y
6
9
O
Gate 2 output
3A
9
13
I
Gate 3 input
3B
10
14
I
Gate 3 input
3Y
8
12
O
Gate 3 output
4A
12
18
I
Gate 4 input
4B
13
19
I
Gate 4 input
4Y
11
16
O
Gate 4 output
GND
7
10
—
Ground pin
NC
—
1, 5, 7,
11, 15,17
—
No internal connection
VCC
14
20
—
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com