Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00NSLE Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74HC00NSLE
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00NSLE Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC00NSLE Datasheet HTML 5Page - Texas Instruments SN74HC00NSLE Datasheet HTML 6Page - Texas Instruments SN74HC00NSLE Datasheet HTML 7Page - Texas Instruments SN74HC00NSLE Datasheet HTML 8Page - Texas Instruments SN74HC00NSLE Datasheet HTML 9Page - Texas Instruments SN74HC00NSLE Datasheet HTML 10Page - Texas Instruments SN74HC00NSLE Datasheet HTML 11Page - Texas Instruments SN74HC00NSLE Datasheet HTML 12Page - Texas Instruments SN74HC00NSLE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
5
10
15
20
25
30
35
40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
CC (V)
CL=50pF
C002
Q
Q
S
R
Copyright © 2016,
Texas Instruments Incorporated
9
SN54HC00, SN74HC00
www.ti.com
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SNx4HC00 is a low-power, wide-operating-voltage NAND gate. This device can drive up to 10 LSTTL loads
and can drive 4-mA outputs at 5-V VCC.
9.2 Typical Application
Figure 3. Typical NAND Gate Application and Supply Voltage
9.2.1 Design Requirements
The SNx4HC00 devices use CMOS technology and have balanced output drive. Take care to avoid bus
contention because it drives currents that would exceed maximum limits. The high drive also creates fast edges
into light loads. Routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
•
Recommended input conditions:
–
Specified high and low levels. See VIH and VIL in Recommended Operating Conditions.
•
Recommended output conditions:
–
Load currents must not exceed 25 mA per output and 50 mA total for the part.
–
Outputs must not be pulled above VCC.
9.2.3 Application Curve
Figure 4. Transition Time vs VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com