Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00NSLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HC00NSLE
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00NSLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC00NSLE Datasheet HTML 1Page - Texas Instruments SN74HC00NSLE Datasheet HTML 2Page - Texas Instruments SN74HC00NSLE Datasheet HTML 3Page - Texas Instruments SN74HC00NSLE Datasheet HTML 4Page - Texas Instruments SN74HC00NSLE Datasheet HTML 5Page - Texas Instruments SN74HC00NSLE Datasheet HTML 6Page - Texas Instruments SN74HC00NSLE Datasheet HTML 7Page - Texas Instruments SN74HC00NSLE Datasheet HTML 8Page - Texas Instruments SN74HC00NSLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
SN54HC00, SN74HC00
www.ti.com
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74HC00
UNIT
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SOP)
PW (TSSOP)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal
resistance
94.7
108.3
57.5
91
122.9
°C/W
RθJC(top)
Junction-to-case (top) thermal
resistance
54.6
60.3
45.1
48.8
51.5
°C/W
RθJB
Junction-to-board thermal
resistance
49
55.7
37.3
49.8
64.6
°C/W
ψJT
Junction-to-top characterization
parameter
21.1
25
30.3
18.4
6.6
°C/W
ψJB
Junction-to-board
characterization parameter
48.7
55.2
37.2
49.5
64
°C/W
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –4 mA, VCC = 4.5 V
TA = 25°C
3.98
4.3
SN54HC00
3.7
SN74HC00
3.84
IOH = –5.2 mA, VCC = 6 V
TA = 25°C
5.48
5.8
SN54HC00
5.2
SN74HC00
5.34
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 4 mA, VCC = 4.5 V
TA = 25°C
0.17
0.26
SN54HC00
0.4
SN74HC00
0.33
IOL = 5.2 mA, VCC = 6 V
TA = 25°C
0.15
0.26
SN54HC00
0.4
SN74HC00
0.33
II
VI = VCC or 0, VCC = 6 V
TA = 25°C
±0.1
±100
nA
SNx4HC00
±1000
ICC
VI = VCC or 0, IO = 0,
VCC = 6 V
TA = 25°C
2
µA
SN54HC00
40
SN74HC00
20
Ci
VCC = 2 V to 6 V
3
10
pF
Cpd
Power
dissipation
capacitance
per gate
No load, TA = 25°C
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com