Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC00NSLE Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HC00NSLE
Description  SNx4HC00 Quadruple 2-Input Positive-NAND Gates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC00NSLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC00NSLE Datasheet HTML 2Page - Texas Instruments SN74HC00NSLE Datasheet HTML 3Page - Texas Instruments SN74HC00NSLE Datasheet HTML 4Page - Texas Instruments SN74HC00NSLE Datasheet HTML 5Page - Texas Instruments SN74HC00NSLE Datasheet HTML 6Page - Texas Instruments SN74HC00NSLE Datasheet HTML 7Page - Texas Instruments SN74HC00NSLE Datasheet HTML 8Page - Texas Instruments SN74HC00NSLE Datasheet HTML 9Page - Texas Instruments SN74HC00NSLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0
5
10
15
20
25
30
35
40
45
50
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
CC (V)
CL=50pF
C001
6
SN54HC00, SN74HC00
SCLS181F – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC00 SN74HC00
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.6 Switching Characteristics
over recommended operating free-air temperature range, CL= 50 pF, see Figure 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
From A or B (input) to Y (output)
VCC = 2 V
TA = 25°C
45
90
ns
SN54HC00
135
SN74HC00
115
VCC = 4.5 V
TA = 25°C
9
18
SN54HC00
27
SN74HC00
23
VCC = 6 V
TA = 25°C
8
15
SN54HC00
23
SN74HC00
20
tt
To Y (output)
VCC = 2 V
TA = 25°C
38
75
ns
SN54HC00
110
SN74HC00
95
VCC = 4.5 V
TA = 25°C
8
15
SN54HC00
22
SN74HC00
19
VCC = 6 V
TA = 25°C
6
13
SN54HC00
19
SN74HC00
16
6.7 Typical Characteristics
Figure 1. Propagation Delay vs VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com