Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83959 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83959 Datasheet HTML 1Page - National Semiconductor (TI) DP83959 Datasheet HTML 2Page - National Semiconductor (TI) DP83959 Datasheet HTML 3Page - National Semiconductor (TI) DP83959 Datasheet HTML 4Page - National Semiconductor (TI) DP83959 Datasheet HTML 5Page - National Semiconductor (TI) DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
www.national.com
3.0
Pin Connection Diagram
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
160
159
158
157
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
DP83959VUL
LERIC8
160 pin PQFP
Top View
IRC
/IRE
IRD
VCC
GND
/ACTN
/ANYXN
/COLN
READY
BUFEN
NC
NC
D0
D1
D2
D3
GND
VCC
RA0
RA1
RA2
RA3
RA4
VCC_PLL
GND_PLL
GND_AUI
VCC_AUI
TX0+
TX0-
CD0+
CD0-
RX0+
RX0-
RX8+
RX8-
VCC_P8
GND_P8
TX8+
TX8-
NC
NC
TX3+
TX3-
GND_P3
VCC_P3
RX3+
RX3-
RX2+
RX2-
VCC_P2
GND_P2
TX2+
TX2-
TX1+
TX1-
GND_P1
VCC_P1
RX1+
RX1-
GND_OSC
VCC_OSC
/MLOAD_
RST_INT/EXT
X_IN
X_OUT
VCC
GND
GND_LED
/ALERT
/TRAF1
/TRAF2
/TRAF3
GND_LED
/TRAF4
/TRAF5
/TRAF6
GND_LED
/TRAF7
/TRAF8
NC
Order Number DP83959VUL
See NS Package Number VUL160A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com