Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83959 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83959
Description  8-Port Lite Ethernet Repeater Interface Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83959 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83959 Datasheet HTML 1Page - National Semiconductor (TI) DP83959 Datasheet HTML 2Page - National Semiconductor (TI) DP83959 Datasheet HTML 3Page - National Semiconductor (TI) DP83959 Datasheet HTML 4Page - National Semiconductor (TI) DP83959 Datasheet HTML 5Page - National Semiconductor (TI) DP83959 Datasheet HTML 6Page - National Semiconductor (TI) DP83959 Datasheet HTML 7Page - National Semiconductor (TI) DP83959 Datasheet HTML 8Page - National Semiconductor (TI) DP83959 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
©1997 National Semiconductor Corporation
www.national.com
DP83959
8-Port Lite Ethernet Repeater Interface Controller
General Description
The DP83959 8-Port Lite Ethernet Repeater Interface
Controller (LERIC8) is a single chip solution for unman-
aged 10BASE-T Ethernet repeater (hub) products. By inte-
grating electronics needed to support eight 10BASE-T
ports, a full level/drive compatible AUI port for a backbone
connection, and an internal power on reset circuit, a
LERIC8 based design requires only the addition of a few
passive components: crystal, transformers, connectors
and a power source.
The LERIC8 provides on-chip LED drivers that connect di-
rectly to LEDs via series resistors. In addition to the Link
OK, Port Partition, Global Activity and Global Collision LED
outputs, the LERIC8 provides an on chip network traffic
level monitor circuit with 8 LED outputs to drive a bargraph
type display.
The LERIC8 also provides an LED and Inter Repeater Bus
interface that is compatible with the DP83955/6 LERIC™
products.
Features
s Fully IEEE 802.3 Ethernet Repeater compliant
s Eight IEEE 802.3 10BASE-T compliant ports with
on-chip transmit filters
s One IEEE 802.3 compatible AUI port
s Direct drive status LED outputs
s Network traffic level monitor with direct drive LED
outputs
s Automatic internal power-on reset function. External
TTL compatible reset pin provided for device testing if
required
s Inter-LERIC™ bus for cascading up to 3 devices on a
single board
s Register/LED
status
interface
compatible
with
DP83955/6 LERIC™ products
s Single 20 MHz crystal or external 20 MHz oscillator
module operation
s Single 5V supply
s 160 pin PQFP package
1.0
System Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
LERIC™ and Inter-LERIC™ are trademarks of National Semiconductor Corporation.
Transformer
10BASE-T
Port 1
AUI
Port
DP83959 LERIC8
Status LEDs (Optional)
Inter Repeater Bus
(Optional)
Per 10BASE-T Port Link & Partition
AUI Port Partition
Global Activity, Global Collision
Network Traffic Bargraph
Alert (High Traffic or Long Partition)
20MHz
Oscillator
or Crystal
10BASE-T
Port 2
10BASE-T
Port 3
10BASE-T
Port 4
10BASE-T
Port 5
10BASE-T
Port 6
10BASE-T
Port 7
10BASE-T
Port 8
8-Port Lite Ethernet Repeater Interface Controller
Transformer
Transformer
Transformer
Transformer
Transformer
Transformer
Transformer
Transformer
October 1997


Similar Part No. - DP83959

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
DP83950BNU NSC-DP83950BNU Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
DP83950BVQB NSC-DP83950BVQB Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
DP83950BVQB NSC-DP83950BVQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
DP83950BVQB-MPC NSC-DP83950BVQB-MPC Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
More results

Similar Description - DP83959

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
National Semiconductor ...
DP83955A NSC-DP83955A Datasheet
655Kb / 54P
LitE Repeater Interface Controller
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
logo
List of Unclassifed Man...
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
Lite End Multiport Repeater Interface Controller
logo
Davicom Semiconductor, ...
DM9006EP DAVICOM-DM9006EP Datasheet
38Kb / 2P
Two Port Ethernet Switch Controller with 8/16-bit Processor Interface
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
8-PORT LVDS REPEATER
logo
Micrel Semiconductor
KSZ8851SNL MICREL-KSZ8851SNL Datasheet
649Kb / 80P
Single-Port Ethernet Controller with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com